Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101TI/MM Datasheet(PDF) 111 Page - Microchip Technology

Part # DSPIC33FJ06GS101TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TI/MM Datasheet(HTML) 111 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TI/MM Datasheet HTML 107Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 108Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 109Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 110Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 111Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 112Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 113Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 114Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 109
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 7-10:
IFS6: INTERRUPT FLAG STATUS REGISTER 6
R/W-0
R/W-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
ADCP1IF
ADCP0IF
—
—
—
—AC4IF(1,2)
AC3IF(1,2)
bit 15
bit 8
R/W-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
AC2IF(2)
—
—
—
—
—PWM4IF(1,3)
PWM3IF(4)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADCP1IF:
ADC Pair 1 Conversion Done Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 14
ADCP0IF:
ADC Pair 0 Conversion Done Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 13-10
Unimplemented:
Read as ‘0’
bit 9
AC4IF:
Analog Comparator 4 Interrupt Flag Status bit(1,2)
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 8
AC3IF:
Analog Comparator 3 Interrupt Flag Status bit(1,2)
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 7
AC2IF:
Analog Comparator 2 Interrupt Flag Status bit(2)
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 6-2
Unimplemented:
Read as ‘0’
bit 1
PWM4IF:
PWM4 Interrupt Flag Status bit(1,3)
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 0
PWM3IF:
PWM3 Interrupt Flag Status bit(4)
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
Note 1:
These bits are unimplemented in dsPIC33FJ06GS202 devices.
2:
These bits are unimplemented in dsPIC33FJ06GS101 and dsPIC33FJ16GS502 devices.
3:
These bits are unimplemented in dsPIC33FJ16GS402/404/502 devices.
4:
These bits are unimplemented in dsPIC33FJ06101/102/202 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com