Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-30I/PT Datasheet(PDF) 47 Page - Microchip Technology

Part # DSPIC30F0010AT-30I/PT
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PT Datasheet(HTML) 47 Page - Microchip Technology

Back Button DSPIC30F0010AT-30I/PT Datasheet HTML 43Page - Microchip Technology DSPIC30F0010AT-30I/PT Datasheet HTML 44Page - Microchip Technology DSPIC30F0010AT-30I/PT Datasheet HTML 45Page - Microchip Technology DSPIC30F0010AT-30I/PT Datasheet HTML 46Page - Microchip Technology DSPIC30F0010AT-30I/PT Datasheet HTML 47Page - Microchip Technology DSPIC30F0010AT-30I/PT Datasheet HTML 48Page - Microchip Technology DSPIC30F0010AT-30I/PT Datasheet HTML 49Page - Microchip Technology DSPIC30F0010AT-30I/PT Datasheet HTML 50Page - Microchip Technology DSPIC30F0010AT-30I/PT Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 236 page
background image
TABLE 5-3:
INTERRUPT CONTROLLER REGISTER MAP FOR dsPIC30F6015
SFR
Name
ADR
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
INTCON1
0080
NSTDIS
—
—
—
—
OVATE
OVBTE
COVTE
—
—
—
MATHERR
ADDRERR STKERR OSCFAIL
—
0000 0000 0000 0000
INTCON2
0082
ALTIVT
DISI
—
—
—
—
—
—
—
—
—
INT4EP
INT3EP
INT2EP
INT1EP
INT0EP 0000 0000 0000 0000
IFS0
0084
CNIF
MI2CIF
SI2CIF
NVMIF
ADIF
U1TXIF
U1RXIF
SPI1IF
T3IF
T2IF
OC2IF
IC2IF
T1IF
OC1IF
IC1IF
INT0IF
0000 0000 0000 0000
IFS1
0086
IC6IF
IC5IF
IC4IF
IC3IF
C1IF
SPI2IF
U2TXIF
U2RXIF
INT2IF
T5IF
T4IF
OC4IF
OC3IF
IC8IF
IC7IF
INT1IF 0000 0000 0000 0000
IFS2
0088
—
—
—
FLTBIF
FLTAIF
—
—
QEIIF
PWMIF
—
INT4IF
INT3IF
OC8IF
OC7IF
OC6IF
OC5IF
0000 0000 0000 0000
IEC0
008C
CNIE
MI2CIE
SI2CIE
NVMIE
ADIE
U1TXIE
U1RXIE
SPI1IE
T3IE
T2IE
OC2IE
IC2IE
T1IE
OC1IE
IC1IE
INT0IE 0000 0000 0000 0000
IEC1
008E
IC6IE
IC5IE
IC4IE
IC3IE
C1IE
SPI2IE
U2TXIE
U2RXIE
INT2IE
T5IE
T4IE
OC4IE
OC3IE
IC8IE
IC7IE
INT1IE 0000 0000 0000 0000
IEC2
0090
—
—
—
FLTBIE
FLTAIE
—
—
QEIIE
PWMIE
—
INT4IE
INT3IE
OC8IE
OC7IE
OC6IE
OC5IE
0000 0000 0000 0000
IPC0
0094
—
T1IP<2:0>
—OC1IP<2:0>
—
IC1IP<2:0>
—
INT0IP<2:0>
0100 0100 0100 0100
IPC1
0096
—
T31P<2:0>
—
T2IP<2:0>
—
OC2IP<2:0>
—
IC2IP<2:0>
0100 0100 0100 0100
IPC2
0098
—ADIP<2:0>
—
U1TXIP<2:0>
—
U1RXIP<2:0>
—
SPI1IP<2:0>
0100 0100 0100 0100
IPC3
009A
—
CNIP<2:0>
—MI2CIP<2:0>
—
SI2CIP<2:0>
—
NVMIP<2:0>
0100 0100 0100 0100
IPC4
009C
—OC3IP<2:0>
—IC8IP<2:0>
—
IC7IP<2:0>
—
INT1IP<2:0>
0100 0100 0100 0100
IPC5
009E
—
INT2IP<2:0>
—
T5IP<2:0>
—
T4IP<2:0>
—OC4IP<2:0>
0100 0100 0100 0100
IPC6
00A0
—
C1IP<2:0>
—
SPI2IP<2:0>
—
U2TXIP<2:0>
—
U2RXIP<2:0>
0100 0100 0100 0100
IPC7
00A2
—
IC6IP<2:0>
—IC5IP<2:0>
—
IC4IP<2:0>
—
IC3IP<2:0>
0100 0100 0100 0100
IPC8
00A4
—OC8IP<2:0>
—OC7IP<2:0>
—
OC6IP<2:0>
—OC5IP<2:0>
0100 0100 0100 0100
IPC9
00A6
—PWMIP<2:0>
—
—
—
—
—
INT41IP<2:0>
—
INT3IP<2:0>
0100 0000 0100 0100
IPC10
00A8
—
FLTAIP<2:0>
—
—
—
—
—
—
—
—
—
QEIIP<2:0>
0100 0000 0000 0000
IPC11
00AA
—
—
—
—
—
—
—
—
—
—
—
—
—
FLTBIP<2:0>
0000 0000 0000 0100
INTTREG
00B0
—
—
—
—ILR<3:0>
—
—
VECNUM<5:0>
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com