Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30E/S Datasheet(PDF) 81 Page - Microchip Technology

Part # DSPIC30F2011AT-30E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/S Datasheet(HTML) 81 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/S Datasheet HTML 77Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 78Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 79Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 80Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 81Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 82Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 83Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 84Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 228 page
background image
© 2006 Microchip Technology Inc.
DS70117F-page 79
dsPIC30F6011/6012/6013/6014
11.0
TIMER4/5 MODULE
This section describes the second 32-bit General Pur-
pose Timer module (Timer4/5) and associated opera-
tional modes. Figure 11-1 depicts the simplified block
diagram of the 32-bit Timer4/5 module. Figure 11-2 and
Figure 11-3 show Timer4/5 configured as two indepen-
dent 16-bit timers, Timer4 and Timer5, respectively.
The Timer4/5 module is similar in operation to the
Timer2/3 module. However, there are some differences
which are as follows:
• The Timer4/5 module does not support the ADC
event trigger feature
• Timer4/5 can not be utilized by other peripheral
modules, such as input capture and
output compare
The operating modes of the Timer4/5 module are deter-
mined by setting the appropriate bit(s) in the
16-bit
T4CON and T5CON SFRs.
For 32-bit timer/counter operation, Timer4 is the lsw
and Timer5 is the msw of the 32-bit timer.
FIGURE 11-1:
32-BIT TIMER4/5 BLOCK DIAGRAM
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046).
Note:
For 32-bit timer operation, T5CON control
bits are ignored. Only T4CON control bits
are used for setup and control. Timer4
clock and gate inputs are utilized for the
32-bit timer module but an interrupt is gen-
erated with the Timer5 interrupt flag (T5IF)
and the interrupt is enabled with the
Timer5 interrupt enable bit (T5IE).
TMR5
TMR4
T5IF
Equal
Comparator x 32
PR5
PR4
Reset
LSB
MSB
Event Flag
Note:
Timer Configuration bit T45 (T4CON<3>) must be set to ‘1’ for a 32-bit timer/counter operation. All control
bits are respective to the T4CON register.
Data Bus<15:0>
TMR5HLD
Read TMR4
Write TMR4
16
16
16
Q
QD
CK
TGATE (T4CON<6>)
(T4CON<6>)
TGATE
0
1
TON
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TCY
1 x
0 1
0 0
Gate
T4CK
Sync
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com