Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS201TE/PT Datasheet(PDF) 6 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/PT
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/PT Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/PT Datasheet HTML 2Page - Microchip Technology DSPIC33FJ06GS201TE/PT Datasheet HTML 3Page - Microchip Technology DSPIC33FJ06GS201TE/PT Datasheet HTML 4Page - Microchip Technology DSPIC33FJ06GS201TE/PT Datasheet HTML 5Page - Microchip Technology DSPIC33FJ06GS201TE/PT Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS201TE/PT Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS201TE/PT Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS201TE/PT Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS201TE/PT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 4
Preliminary
© 2009 Microchip Technology Inc.
dsPIC33FJ06GS101/X02 and
dsPIC33FJ16GSX02/X04 PRODUCT
FAMILIES
The device names, pin counts, memory sizes and
peripheral availability of each device are listed below.
The following pages show their pinout diagrams.
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Controller Families
Device
Remappable Peripherals
ADC
dsPIC33FJ06GS101 18
6
256
8
2
0
1
1
1
2x2(1)
0
3
01
1
3
6
13SOIC
dsPIC33FJ06GS102 28
6
256
16
2
0
1
1
1
2x2
0
3
0
1
1
3
6
21
SPDIP
SOIC
QFN-S
dsPIC33FJ06GS202 28
6
1K
16
2
1
1
1
1
2x2
2
3
1
1
1
3
6
21
SPDIP
SOIC
QFN-S
dsPIC33FJ16GS402 28
16
2K
16
3
2
2
1
1
3x2
0
3
0
1
1
4
8
21
SPDIP
SOIC
QFN-S
dsPIC33FJ16GS404 44
16
2K
30
3
2
2
1
1
3x2
0
3
0
1
1
4
8
35
QFN
TQFP
dsPIC33FJ16GS502 28
16
2K
16
3
2
2
1
1
4x2(1)
43
1
1
2
6
8
21
SPDIP
SOIC
QFN-S
dsPIC33FJ16GS504 44
16
2K
30
3
2
2
1
1
4x2(1)
4
3
1
1
2
6
12
35
QFN
TQFP
Note 1:
The PWM4H:PWM4L pins are remappable.
2:
The PWM Fault pins and PWM synchronization pins are remappable.
3:
Only two out of three interrupts are remappable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com