Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F3010AT-20E/S Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC30F3010AT-20E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F3010AT-20E/S Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC30F3010AT-20E/S Datasheet HTML 1Page - Microchip Technology DSPIC30F3010AT-20E/S Datasheet HTML 2Page - Microchip Technology DSPIC30F3010AT-20E/S Datasheet HTML 3Page - Microchip Technology DSPIC30F3010AT-20E/S Datasheet HTML 4Page - Microchip Technology DSPIC30F3010AT-20E/S Datasheet HTML 5Page - Microchip Technology DSPIC30F3010AT-20E/S Datasheet HTML 6Page - Microchip Technology DSPIC30F3010AT-20E/S Datasheet HTML 7Page - Microchip Technology DSPIC30F3010AT-20E/S Datasheet HTML 8Page - Microchip Technology DSPIC30F3010AT-20E/S Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 1
dsPIC30F6010A/6015
High-Performance Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
with flexible Addressing modes
• 83 base instructions
• 24-bit wide instructions, 16-bit wide data path
• 144 Kbytes on-chip Flash program space
(Instruction words)
• 8 Kbytes of on-chip data RAM
• 4 Kbytes of nonvolatile data EEPROM
• Up to 30 MIPS operation:
- DC to 40 MHz external clock input
- 4 MHz-10 MHz oscillator input with
PLL active (4x, 8x, 16x)
- 7.37 MHz internal RC with PLL active
(4x, 8x, 16x)
• 44 interrupt sources:
- 5 external interrupt sources
- 8 user selectable priority levels for each
interrupt source
- 4 processor trap sources
• 16 x 16-bit working register array
DSP Engine Features:
• Dual data fetch
• Accumulator write-back for DSP operations
• Modulo and Bit-Reversed Addressing modes
• Two, 40-bit wide accumulators with optional
saturation logic
• 17-bit x 17-bit single-cycle hardware fractional/
integer multiplier
• All DSP instructions single cycle
• ±16-bit single-cycle shift
Peripheral Features:
• High-current sink/source I/O pins: 25 mA/25 mA
•Timer module with programmable prescaler:
- Five 16-bit timers/counters; optionally pair
16-bit timers into 32-bit timer modules
• 16-bit Capture input functions
• 16-bit Compare/PWM output functions
•3-wire SPI modules (supports 4 Frame modes)
•I2CTM module supports Multi-Master/Slave mode
and 7-bit/10-bit addressing
• 2 UART modules with FIFO Buffers
• 2 CAN modules, 2.0B compliant (dsPIC306010A)
• 1 CAN module, 2.0B compliant (dsPIC306015)
Motor Control PWM Module Features:
• 8 PWM output channels:
- Complementary or Independent Output
modes
- Edge and Center-Aligned modes
• 4 duty cycle generators
• Dedicated time base
• Programmable output polarity
• Dead-Time control for Complementary mode
• Manual output control
• Trigger for A/D conversions
Quadrature Encoder Interface Module
Features:
• Phase A, Phase B and Index Pulse input
• 16-bit up/down position counter
• Count direction status
• Position Measurement (x2 and x4) mode
• Programmable digital noise filters on inputs
• Alternate 16-bit Timer/Counter mode
• Interrupt on position counter rollover/underflow
Note: This data sheet summarizes features of this
group of dsPIC30F devices and is not intended to be
a complete reference source. For more information
on the CPU, peripherals, register descriptions and
general device functionality, refer to the “dsPIC30F
Family Reference Manual” (DS70046). For more
information on the device instruction set and pro-
gramming, refer to the “dsPIC30F/33F Programmers
Reference Manual” (DS70157).
dsPIC30F6010A/6015 Enhanced Flash
16-bit Digital Signal Controller (DSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com