Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010BT-20E/S Datasheet(PDF) 49 Page - Microchip Technology

Part # DSPIC30F0010BT-20E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010BT-20E/S Datasheet(HTML) 49 Page - Microchip Technology

Back Button DSPIC30F0010BT-20E/S Datasheet HTML 45Page - Microchip Technology DSPIC30F0010BT-20E/S Datasheet HTML 46Page - Microchip Technology DSPIC30F0010BT-20E/S Datasheet HTML 47Page - Microchip Technology DSPIC30F0010BT-20E/S Datasheet HTML 48Page - Microchip Technology DSPIC30F0010BT-20E/S Datasheet HTML 49Page - Microchip Technology DSPIC30F0010BT-20E/S Datasheet HTML 50Page - Microchip Technology DSPIC30F0010BT-20E/S Datasheet HTML 51Page - Microchip Technology DSPIC30F0010BT-20E/S Datasheet HTML 52Page - Microchip Technology DSPIC30F0010BT-20E/S Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 47
dsPIC30F6010A/6015
6.0
FLASH PROGRAM MEMORY
The dsPIC30F family of devices contains internal
program Flash memory for executing user code. There
are two methods by which the user can program this
memory:
1.
In-Circuit Serial Programming™ (ICSP™)
2.
Run-Time Self-Programming (RTSP)
6.1
In-Circuit Serial Programming
(ICSP)
dsPIC30F devices can be serially programmed while in
the end application circuit. This is simply done with two
lines for Programming Clock and Programming Data
(which are named PGC and PGD, respectively), and
three other lines for Power (VDD), Ground (VSS) and
Master Clear (MCLR). This allows customers to manu-
facture boards with unprogrammed devices and then
program the microcontroller just before shipping the
product. This also allows the most recent firmware or a
custom firmware to be programmed.
6.2
Run-Time Self-Programming
(RTSP)
RTSP is accomplished using TBLRD (table read) and
TBLWT
(table write) instructions.
With RTSP, the user may erase program memory,
32 instructions (96 bytes) at a time and can write
program memory data, 32 instructions (96 bytes) at a
time.
6.3
Table Instruction Operation Summary
The TBLRDL and the TBLWTL instructions are used to
read or write to bits<15:0> of program memory.
TBLRDL
and TBLWTL can access program memory in
Word or Byte mode.
The TBLRDH and TBLWTH instructions are used to read
or write to bits<23:16> of program memory. TBLRDH
and TBLWTH can access program memory in Word or
Byte mode.
A 24-bit program memory address is formed using
bits<7:0> of the TBLPAG register and the Effective
Address (EA) from a W register specified in the table
instruction, as shown in Figure 6-1.
FIGURE 6-1:
ADDRESSING FOR TABLE AND NVM REGISTERS
Note: This data sheet summarizes features of this
group of dsPIC30F devices and is not intended to be
a complete reference source. For more information
on the CPU, peripherals, register descriptions and
general device functionality, refer to the “dsPIC30F
Family Reference Manual” (DS70046). For more
information on the device instruction set and pro-
gramming, refer to the “dsPIC30F/33F Programmers
Reference Manual” (DS70157).
0
Program Counter
24 bits
NVMADRU Reg
8 bits
16 bits
Program
Using
TBLPAG Reg
8 bits
Working Reg EA
16 bits
Using
Byte
24-bit EA
1/0
0
1/0
Select
Table
Instruction
NVMADR
Addressing
Counter
Using
NVMADR Reg EA
User/Configuration
Space Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com