Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6472ECTZ7 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ7
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ7 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6472ECTZ7 Datasheet HTML 1Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 2Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 3Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 4Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 5Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 6Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 7Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 8Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
1
Features
................................................... 1
5.4
Power-Down Control
.............................. 102
1.1
CTZ/ZTZ BGA Package (Bottom View)
.............. 2
5.5
Megamodule Resets
.............................. 102
1.2
Description
........................................... 3
5.6
Megamodule Revision
............................. 103
1.3
Functional Block Diagram
............................ 4
5.7
C64x+ Megamodule Register Descriptions
....... 104
Revision History
.............................................. 6
5.8
CPU Revision ID
.................................. 112
2
Device Overview
........................................ 7
6
Device Operating Conditions
...................... 113
6.1
Absolute Maximum Ratings Over Operating Case
2.1
Device Characteristics
............................... 7
Temperature Range (Unless Otherwise Noted)
2.2
CPU (DSP Core) Description
........................ 8
..................................................... 113
2.3
Memory Map Summary
............................. 11
6.2
Recommended Operating Conditions
............. 114
2.4
Boot Mode Sequence
.............................. 14
6.3
Electrical Characteristics Over Recommended
2.5
Pin Assignments
.................................... 19
Ranges of Supply Voltage and Operating Case
Temperature (Unless Otherwise Noted)
.......... 116
2.6
Signal Groups Description
.......................... 23
7
C64x+ Peripheral Information and Electrical
2.7
Terminal Functions
................................. 29
Specifications
......................................... 118
2.8
Development
........................................ 53
7.1
Parameter Information
............................ 118
2.9
Community Resources
............................. 58
7.2
Recommended Clock and Control Signal Transition
3
Device Configuration
................................. 59
Behavior
........................................... 119
3.1
Device Configuration at Device Reset
.............. 59
7.3
Power Supplies
.................................... 119
3.2
Device Configuration Register Descriptions
........ 60
7.4
Power and Sleep Controller (PSC)
................ 121
3.3
Peripheral Selection After Device Reset
........... 63
7.5
Enhanced Direct Memory Access (EDMA3)
Controller
.......................................... 124
3.4
Device Status Register (DEVSTAT)
................ 73
7.6
Interrupts
.......................................... 137
3.5
RMIIn Reset Registers (RMIIRESET0 and
7.7
Reset Controller
................................... 141
RMIIRESET1)
...................................... 74
7.8
PLL1 and PLL1 Controller
......................... 149
3.6
Memory Privilege Registers
........................ 75
7.9
PLL2 and PLL2 Controller
......................... 161
3.7
Host and Inter-DSP Interrupt Registers
............ 78
7.10
PLL3 and PLL3 Controller
......................... 172
3.8
Timer Event Manager Registers
.................... 83
7.11
DDR2 Memory Controller
......................... 176
3.9
Reset and Boot Registers
.......................... 85
7.12
I2C Peripheral
..................................... 178
3.10
JTAG ID Register Description
...................... 89
7.13
Host-Port Interface (HPI) Peripheral
.............. 183
3.11
Silicon Revision ID Register Description
........... 89
7.14
TSIP
............................................... 190
4
System Interconnect
.................................. 90
7.15
Ethernet MAC (EMAC)
............................ 216
4.1
Internal Buses, Bridges, and Switch Fabrics
....... 90
7.16
Timers
............................................. 237
4.2
Data Switch Fabric Connections
................... 91
7.17
UTOPIA
........................................... 243
7.18
Serial RapidIO (SRIO) Port
....................... 248
4.3
Priority Allocation
................................... 94
7.19
General-Purpose Input/Output (GPIO)
............ 259
4.4
Configuration Switch Fabric
........................ 94
7.20
Emulation Features and Capability
............... 261
5
C64x+ Megamodule
................................... 96
8
Mechanical Data
...................................... 264
5.1
Memory Architecture
............................... 96
8.1
Thermal Data
...................................... 264
5.2
Memory Protection Support
....................... 100
8.2
Packaging Information
............................ 264
5.3
Bandwidth Management
.......................... 101
Copyright
© 2009–2011, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com