Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFFC5071SQ Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFFC5071SQ
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5071SQ Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFFC5071SQ Datasheet HTML 9Page - RF Micro Devices RFFC5071SQ Datasheet HTML 10Page - RF Micro Devices RFFC5071SQ Datasheet HTML 11Page - RF Micro Devices RFFC5071SQ Datasheet HTML 12Page - RF Micro Devices RFFC5071SQ Datasheet HTML 13Page - RF Micro Devices RFFC5071SQ Datasheet HTML 14Page - RF Micro Devices RFFC5071SQ Datasheet HTML 15Page - RF Micro Devices RFFC5071SQ Datasheet HTML 16Page - RF Micro Devices RFFC5071SQ Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13 of 20
RFFC5071/5072
Proposed
Prelim DS101020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: Supply Current
VDD=+3V and TA=+27°C unless stated.Typical Performance Characteristics: RFMixer 2, RFFC5071 and RFFC5072
90.0
100.0
110.0
120.0
130.0
140.0
150.0
160.0
1234567
Mixer Bias Current Setting (MIX_IDD)
Total Supply Current versus Mixer Bias Setting
One Mixer Enabled, LO Frequency = 3500MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.3V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+27 Deg C, +3.3V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.3V
80.0
90.0
100.0
110.0
120.0
130.0
140.0
1234567
Mixer Bias Current Setting (MIX_IDD)
Total Supply Current versus Mixer Bias Setting
One Mixer Enabled, LO Frequency = 1000MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.3V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+27 Deg C, +3.3V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.3V
RFFC5071 Typical Operating Current in mA
in Full Duplex Mode (both mixers enabled) with +3V supply.
MIX2_IDD
MIX1_IDD
1234567
1
121
126
131
136
142
146
151
2
126
131
136
141
147
151
156
3
131
136
141
147
152
156
161
4
136
141
147
152
157
162
167
5
141
146
152
157
162
167
172
6
146
151
156
161
167
171
176
7
151
156
161
166
171
176
181
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
140.0
150.0
160.0
100
600
1100
1600
2100
2600
3100
3600
4100
LO Frequency (MHz)
Total Supply Current versus LO Frequency
One Mixer Enabled, +3.0V Supply Voltage
MIX_IDD = 1
MIX_IDD = 2
MIX_IDD = 3
MIX_IDD = 4
MIX_IDD = 5
MIX_IDD = 6
MIX_IDD = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com