Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

550-0807 Datasheet(PDF) 9 Page - Dialight Corporation

Part # 550-0807
Description  5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-0807 Datasheet(HTML) 9 Page - Dialight Corporation

Back Button 550-0807 Datasheet HTML 3Page - Dialight Corporation 550-0807 Datasheet HTML 4Page - Dialight Corporation 550-0807 Datasheet HTML 5Page - Dialight Corporation 550-0807 Datasheet HTML 6Page - Dialight Corporation 550-0807 Datasheet HTML 7Page - Dialight Corporation 550-0807 Datasheet HTML 8Page - Dialight Corporation 550-0807 Datasheet HTML 9Page - Dialight Corporation 550-0807 Datasheet HTML 10Page - Dialight Corporation 550-0807 Datasheet HTML 11Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
6-51
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
5mm
General Purpose
Diffused
5ND-xxxx
TYPE
COLOR
*5ND-9672
Red
*5ND-9673
Yellow
*5ND-9674
Green
Red
Yellow
Green
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9672
-9673
-9674
Power Dissipation (mW)
80
60
100
Forward Current (mA)
40
20
30
Derating (mA/°C)
From 25°C
.5
.25
.4
Peak Current (mA)
200
80
120
Pulse width = 10 µs
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (T
A=25°C)
-9672
-9673
-9674
Luminous Intensity (mcd)
Min.
3.5
3.5
3.5
IF=20mA
Typical
12.3
12.3
12.3
Peak Wavelength (nm)
Typical
635
585
565
λ Peak
Viewing Angle (2
Θ ½)
Typical
60°
60°
60°
Forward Voltage (V)
Typical
2
2.1
2.1
IF=20mA
Max.
2.8
2.8
2.8
Reverse Voltage (V), IR=100µA
Min.
5
5
5
* NOT A VALID PART
NUMBER. THIS SHEET IS FOR
REFERENCE ONLY.
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com