| Electronic Components Datasheet Search |
|
EVAL-AD5520EB Datasheet(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-AD5520EB Datasheet(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() AD5520 Rev. B | Page 21 of 24 TYPICAL APPLICATION CIRCUIT Figure 27 shows the AD5520 as in an ATE system. This device can used as a per pin parametric unit in order to speed up the rate at which testing can be done. It can also be used as a DUT power supply, as shown in the application circuit. The central PMU shown in the block diagram (Figure 27) is usually a highly accurate PMU and is shared among a number of pins in the tester. In general, many discrete levels are required in an ATE system for the pin drivers, comparators, clamps, and active loads. DAC devices, such as the AD5379, offer a highly integrated solution for a number of these levels. The AD5379 is a dense 40-channel DAC designed with high channel requirements, such as ATE. The flexible function of the AD5520 also makes it suited for use in instrumentation applications such as source measure units. Source measure units are programmable instruments capable of sourcing and measuring voltage or current simultaneously. The AD5520 provides a more integrated solution in such equipment. CENTRAL PMU ADC DAC TIMING DATA MEMORY TIMING GENERATOR DLL, LOGIC FORMATTER DE-SKEW DAC DAC DAC VTERM DRIVER DAC DAC DAC IOL VH COMP COMPARE MEMORY DAC ACTIVE LOAD DAC DAC VCOM IOH DAC VTH VTL VCL PPMU ADC DAC DEVICE POWER SUPPLIES ADC DAC GND SENSE GUARD AMP AMP 50 Ω COAX RELAYS DEVICE UNDER TEST (DUT) GUARD AMP VL VCH FORMATTER DE-SKEW Figure 27. Typical Application ATE Circuit |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |