Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H48SA53010PRFH Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # H48SA53010PRFH
Description  Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA53010PRFH Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  H48SA53010PRFH Datasheet HTML 1Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 2Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 3Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 4Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 5Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 6Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 7Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 8Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS_H48SA53010_08042011
4
ELECTRICAL CHARACTERISTICS CURVES
Figure 5: Turn-on transient at zero load current (10 ms/div).
Top Trace: Vout, 10V/div; Bottom Trace: ON/OFF input, 5V/div.
Figure 6: Output voltage response to step-change in load current
(75%-50% of Io, max; di/dt = 2.5A/µs).
Load cap: 300µF, electrolytic capacitor and 100µF ceramic
capacitor. Top Trace: Vout (100mV/div), Bottom Trace: Iout
(5A/div). Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between 51 mm
to 76 mm (2 inches to 3 inches) from the module.
Figure 7: Output voltage response to step-change in load
current (50%-75% of Io, max; di/dt = 2.5A/µs).
Load cap: 300µF, electrolytic capacitor and 100µF ceramic
capacitor. Top Trace: Vout (100 mV/div), Bottom Trace: Iout
(5A/div). Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load between
51 mm to 76 mm (2 inches to 3 inches) from the module.
Figure 8: Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected Ripple Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset possible
battery impedance. Measure current as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com