Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2467 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # AN2467
Description  Dual 6.0 m high-side switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN2467 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  AN2467 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Analog, Mixed-Signal and Power Management
MC06XSD200
Dual 6.0 mΩ high-side switch
Overview
The MC06XSD200 device is part of a 36 V high-side switch product family with
integrated control and a high number of protective and diagnostic functions. It is
designed for industrial applications. The low RDS(on) channels (< 6.0 mΩ) can control
different load types, including bulb lamps, solenoids or DC motors.
Control, device configuration and diagnostics are performed through a 16-bit serial
peripheral interface (SPI), allowing easy integration into existing applications. Both
channels can be controlled individually by external or internal clock signals, or by direct
inputs. Using the internal clock allows fully autonomous device operation. Programmable
output voltage slew rates (individually programmable) help improve electromagnetic
compatibility (EMC) performance.
Target Applications
• Industrial(12Vand24Vsystems)
• Halogenbulbs
• Light-emittingdiodes(LEDs)
• Low-voltageindustriallighting
• DCmotors
Simplified Application Drawing
MCU
CLOCK
FSB
SCLK
SCLK
CSB
SO
RSTB
SI
IN0
IN1
CSNS
GND
VDD
V
DD
V
PWR
VPWR
HS0
HS1
LOAD
CSB
SI
SO
LOAD
M
CONF0
CONF1
FSOB
SYNC
I/O
I/O
I/O
I/O
I/O
I/O
A/D
A/D
06XSD200
V
DD
GND


Similar Part No. - AN2467

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
Dual 10 m high-side switch
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
Dual 16 mOhm High-Side Switch
AN2467 FREESCALE-AN2467 Datasheet
626Kb / 4P
Dual 24 V, 6.0 mOhm High Side Switch
More results

Similar Description - AN2467

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
Dual High-Side Switch
33289 FREESCALE-33289 Datasheet
505Kb / 11P
Dual High-Side Switch 40 m ohm
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
Dual 24 V 6.0 mOhm High Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
Dual 6.0 mOhm High Side Switch
MC10XSC425 FREESCALE-MC10XSC425 Datasheet
8Mb / 2P
Quad High Side Switch?봁ual 10 m, Dual 25 m
MC10XSD200 FREESCALE-MC10XSD200 Datasheet
8Mb / 2P
Dual 10 m high-side switch
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com