Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2467 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # AN2467
Description  Dual 10 m high-side switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN2467 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  AN2467 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Analog, Mixed-Signal and Power Management
MC10XSD200
Dual 10 mΩ high-side switch
Overview
The MC10XSD200 device is part of a 36 V high-side switch product family with
integrated control and a high number of protective and diagnostic functions. It is
designed for industrial applications. The low RDS(on) channels (< 10 mΩ) can control
different load types, including bulb lamps, solenoids or DC motors.
Control, device configuration and diagnostics are performed through a 16-bit serial
peripheral interface (SPI), allowing easy integration into existing applications. Both
channels can be controlled individually by external or internal clock signals, or by direct
inputs. Using the internal clock allows fully autonomous device operation. Programmable
output voltage slew rates (individually programmable) help improve electromagnetic
compatibility (EMC) performance.
Target Applications
• Industrial(12Vand24Vsystems)
• Halogenbulbs
• Light-emittingdiodes(LEDs)
• Low-voltageindustriallighting
• DCmotors
Simplified Application Drawing


Similar Part No. - AN2467

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
Dual 6.0 m high-side switch
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
Dual 16 mOhm High-Side Switch
AN2467 FREESCALE-AN2467 Datasheet
626Kb / 4P
Dual 24 V, 6.0 mOhm High Side Switch
More results

Similar Description - AN2467

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33289 FREESCALE-33289 Datasheet
505Kb / 11P
Dual High-Side Switch 40 m ohm
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
Dual 24 V, 10 mOhm High Side Switch
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
Dual 10 mOhm High Side Switch
MC06XSD200 FREESCALE-MC06XSD200 Datasheet
8Mb / 2P
Dual 6.0 m high-side switch
MC10XSC425 FREESCALE-MC10XSC425 Datasheet
8Mb / 2P
Quad High Side Switch?봁ual 10 m, Dual 25 m
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com