Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2116GU/12 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF2116GU/12
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116GU/12 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF2116GU/12 Datasheet HTML 53Page - NXP Semiconductors PCF2116GU/12 Datasheet HTML 54Page - NXP Semiconductors PCF2116GU/12 Datasheet HTML 55Page - NXP Semiconductors PCF2116GU/12 Datasheet HTML 56Page - NXP Semiconductors PCF2116GU/12 Datasheet HTML 57Page - NXP Semiconductors PCF2116GU/12 Datasheet HTML 58Page - NXP Semiconductors PCF2116GU/12 Datasheet HTML 59Page - NXP Semiconductors PCF2116GU/12 Datasheet HTML 60Page - NXP Semiconductors PCF2116GU/12 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
1997 Apr 07
57
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
19 BONDING PAD LOCATIONS
handbook, full pagewidth
MLB969
≈ 6.99
mm
≈ 5.64 mm
x
PCF2114
PCF2116
y
0
0
C1
R24
R23
R22
R21
R20
R19
R18
R17
R8
R7
R6
R5
R4
R3
R2
R1
C31
C32
C30
C33
C34
C35
C36
C37
C38
C39
C40
C41
C42
C43
C44
C45
C47
C48
C46
C49
C50
C51
C52
C53
C54
C55
C56
C57
C58
C59
C60
R32
DB7
SCL
DB6
SDA
DB5
0
LCD1
DB4
LCD2
DB3
LCD3
DB2
V
V
V
V
Fig.40 Bonding pad locations.
Chip dimensions: approximately 5.64
× 6.99 mm.
Pad area: 0.0121 mm2.
Bonding pad dimensions: 110
× 110 µm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com