Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2116GHZ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2116GHZ
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116GHZ Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2116GHZ Datasheet HTML 1Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 2Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 3Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 4Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 5Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 6Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 7Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 8Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
1997 Apr 07
3
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
1
FEATURES
• Single chip LCD controller/driver
• 1 or 2-line display of up to 24 characters per line, or
2 or 4 lines of up to 12 characters per line
• 5 × 7 character format plus cursor; 5 × 8 for kana
(Japanese syllabary) and user defined symbols
• On-chip:
– generation of LCD supply voltage (external supply
also possible)
– generation of intermediate LCD bias voltages
– oscillator requires no external components (external
clock also possible)
• Display data RAM: 80 characters
• Character generator ROM: 240 characters
• Character generator RAM: 16 characters
• 4 or 8-bit parallel bus or 2-wire I2C-bus interface
• CMOS/TTL compatible
• 32 row, 60 column outputs
• MUX rates 1 : 32 and 1 : 16
• Uses common 11 code instruction set
• Logic supply voltage range, VDD − VSS: 2.5 to 6 V
• Display supply voltage range, VDD − VLCD: 3.5 to 9 V
• Low power consumption
• I2C-bus address: 011101 SA0.
2
APPLICATIONS
• Telecom equipment
• Portable instruments
• Point-of-sale terminals.
3
GENERAL DESCRIPTION
The PCF2116 family of LCD controller/drivers consists of
the PCF2116x, the PCF2114x and the PCF2116K.
The term ‘PCF2116’ is used to refer to all devices for
common information. Specific information is given in
separate paragraphs.
The ‘x’ in ‘PCF2116x’ and ‘PCF2114x’ represents a
specific letter code for a character set in the character
generator ROM (CGROM). The different character sets
currently available are specified by the letters A, C, and G
(see Figs 8 to 10). Other character sets are available on
request.
The PCF2116 is a low-power CMOS LCD controller and
driver, designed to drive a split screen dot matrix LCD
display of 1 or 2 lines by 24 characters or 2 or 4 lines by
12 characters with 5
× 8 dot format. All necessary
functions for the display are provided in a single chip,
including on-chip generation of LCD bias voltages,
resulting in a minimum of external components and lower
system power consumption. The chip contains a character
generator and displays alphanumeric and kana
(Japanese) characters. The PCF2116 interfaces to most
microcontrollers via a 4 or 8-bit bus or via the 2-wire
I2C-bus. To allow partial VDD shutdown the ESD protection
system of the SCL and SDA pins does not use a diode
connected to VDD.
The PCF2116K differs from the other members of the
family in that:
• VLCD/VOP generation is different (see Section 8.1)
• It is available with character set C only (see Fig.9).
4
ORDERING INFORMATION
Note
1. The letter ‘x’ in the type number represents the letter of the required built-in character set: A, C or G.
TYPE
NUMBER(1)
PACKAGE
NAME
DESCRIPTION
VERSION
PCF2116xU/10
−
chip on flexible film carrier
−
PCF2114xU/10
−
chip on flexible film carrier
−
PCF2116xU/12
−
chip with bumps on flexible film carrier
−
PCF2114xU/12
−
chip with bumps on flexible film carrier
−
PCF2116xHZ
LQFP128 plastic low profile quad flat package; 128 leads; body 14
× 20 × 1.4 mm
SOT425-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com