Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTDF1C02HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTDF1C02HD
Description  COMPLEMENTARY DUAL TMOS POWER FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTDF1C02HD Datasheet(HTML) 1 Page - Motorola, Inc

  MTDF1C02HD Datasheet HTML 1Page - Motorola, Inc MTDF1C02HD Datasheet HTML 2Page - Motorola, Inc MTDF1C02HD Datasheet HTML 3Page - Motorola, Inc MTDF1C02HD Datasheet HTML 4Page - Motorola, Inc MTDF1C02HD Datasheet HTML 5Page - Motorola, Inc MTDF1C02HD Datasheet HTML 6Page - Motorola, Inc MTDF1C02HD Datasheet HTML 7Page - Motorola, Inc MTDF1C02HD Datasheet HTML 8Page - Motorola, Inc MTDF1C02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
Complementary TMOS
Field Effect Transistors
Micro8
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process to
achieve lowest possible on–resistance per silicon area. They are
capable of withstanding high energy in the avalanche and commuta-
tion modes and the drain–to–source diode has a very low reverse
recovery time. Micro8
™ devices are designed for use in low voltage,
high speed switching applications where power efficiency is important.
Typical applications are dc–dc converters, and power management in
portable and battery powered products such as computers, printers,
cellular and cordless phones. They can also be used for low voltage
motor controls in mass storage products such as disk drives and tape
drives. The avalanche energy is specified to eliminate the guesswork
in designs where inductive loads are switched and offer additional
safety margin against unexpected voltage transients.
• Miniature Micro8 Surface Mount Package — Saves Board Space
• Extremely Low Profile (<1.1mm) for thin applications such as
PCMCIA cards
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for Micro8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Negative sign for P–Channel devices omitted for clarity
Rating
Symbol
Max
Unit
Drain–to–Source Voltage
N–Channel
P–Channel
VDSS
20
20
V
Drain–to–Gate Voltage (RGS = 1.0 MW)
N–Channel
P–Channel
VDGR
20
20
V
Gate–to–Source Voltage — Continuous
N–Channel
P–Channel
VGS
±8.0
±8.0
V
Operating and Storage Temperature Range
TJ and Tstg
– 55 to 150
°C
DEVICE MARKING
CA
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MTDF1C02HD
13
″
12 mm embossed tape
4000 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Micro8 is a registered trademark of International Rectifier.
Order this document
by MTDF1C02HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
D
S
G
P–Channel
D
S
G
N–Channel
CASE 846A–02, Style 2
Micro8
MTDF1C02HD
COMPLEMENTARY
DUAL TMOS POWER FET
20 VOLTS
RDS(on) = 0.120 OHM
1.7 AMPERES
(N–CHANNEL)
RDS(on) = 0.175 OHM
1.6 AMPERES
(P–CHANNEL)
Motorola Preferred Device
™
Source 1
1
2
3
4
8
7
6
5
Top View
Gate 1
Source 2
Gate 2
Drain 1
Drain 1
Drain 2
Drain 2
56
4
3
78
2
1
Preferred devices are Motorola recommended choices for future use and best overall value.


Similar Part No. - MTDF1C02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTDF1C02HD ONSEMI-MTDF1C02HD Datasheet
340Kb / 14P
Power MOSFET
August, 2006 ??Rev. 2
MTDF1C02HDR2 ONSEMI-MTDF1C02HDR2 Datasheet
340Kb / 14P
Power MOSFET
August, 2006 ??Rev. 2
More results

Similar Description - MTDF1C02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2C01HD MOTOROLA-MMDF2C01HD Datasheet
372Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2C02HD MOTOROLA-MMDF2C02HD Datasheet
356Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF2C03HD MOTOROLA-MMDF2C03HD Datasheet
381Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
MMDF2P01HD MOTOROLA-MMDF2P01HD Datasheet
284Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF3C03HD MOTOROLA-MMDF3C03HD Datasheet
272Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMDF4C03HD MOTOROLA-MMDF4C03HD Datasheet
275Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
MTB10N40E MOTOROLA-MTB10N40E Datasheet
273Kb / 10P
TMOS POWER FET 10 AMPERES
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
TMOS BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com