Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7980 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L7980
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L7980 Datasheet HTML 2Page - STMicroelectronics L7980 Datasheet HTML 3Page - STMicroelectronics L7980 Datasheet HTML 4Page - STMicroelectronics L7980 Datasheet HTML 5Page - STMicroelectronics L7980 Datasheet HTML 6Page - STMicroelectronics L7980 Datasheet HTML 7Page - STMicroelectronics L7980 Datasheet HTML 8Page - STMicroelectronics L7980 Datasheet HTML 9Page - STMicroelectronics L7980 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Electrical characteristics
L7980
6/44
Doc ID 15181 Rev 4
4
Electrical characteristics
TJ=25 °C, VCC=12 V, unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
VCC
Operating input voltage
range
(1)
4.5
28
V
VCCON
Turn on VCC threshold
(1)
4.4
VCCHYS
VCC UVLO Hysteresis
(1)
0.12
0.35
RDSON
MOSFET on resistance
160
180
m
Ω
(1)
160
250
ILIM
Maximum limiting current
2.5
3.0
3.5
A
Oscillator
FSW
Switching frequency
225
250
275
KHz
(1)
220
275
VFSW
FSW pin voltage
1.254
V
D
Duty Cycle
0
100
%
FADJ
Adjustable switching
frequency
RFSW=33kΩ
1000
KHz
Dynamic characteristics
VFB
Feedback voltage
4.5V<VCC<28V
(1)
0.593
0.6
0.607
V
DC characteristics
IQ
Quiescent current
Duty Cycle=0,
VFB=0.8V
2.4
mA
IQST-BY
Total stand-by quiescent
current
20
30
μA
Enable
EN threshold voltage
Device OFF level
0.3
V
Device ON level
1.2
EN current
EN=VCC
7.5
10
μA
Soft start
TSS
Soft start duration
FSW pin floating
7.4
8.2
9.1
ms
FSW=1MHz,
RFSW=33kΩ
2
Error amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com