Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7980A Datasheet(PDF) 5 Page - STMicroelectronics

Part # L7980A
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980A Datasheet(HTML) 5 Page - STMicroelectronics

  L7980A Datasheet HTML 1Page - STMicroelectronics L7980A Datasheet HTML 2Page - STMicroelectronics L7980A Datasheet HTML 3Page - STMicroelectronics L7980A Datasheet HTML 4Page - STMicroelectronics L7980A Datasheet HTML 5Page - STMicroelectronics L7980A Datasheet HTML 6Page - STMicroelectronics L7980A Datasheet HTML 7Page - STMicroelectronics L7980A Datasheet HTML 8Page - STMicroelectronics L7980A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
L7980
Maximum ratings
Doc ID 15181 Rev 4
5/44
2
Maximum ratings
3
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vcc
Input voltage
30
V
OUT
Output DC voltage
-0.3 to VCC
FSW, COMP, SYNCH
Analog pin
-0.3 to 4
EN
Enable pin
-0.3 to VCC
FB
Feedback voltage
-0.3 to 1.5
PTOT
Power dissipation
at TA < 60°C
VFQFPN
1.5.
W
HSOP
2
TJ
Junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum thermal resistance
junction-ambient (1)
1.
Package mounted on demonstration board.
VFQFPN
60
°C/W
HSOP
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com