Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM3027IDSWS8 Datasheet(PDF) 27 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSWS8
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSWS8 Datasheet(HTML) 27 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSWS8 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 28Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
EM3027
Copyright
 2013, EM Microelectronic-Marin SA
3027-DS.doc, Version 8.0, 25-Jan-13
27
www.emmicroelectronic.com
11.2
SO-8
C
BOTTOM VIEW
PARTING LINE
SIDE VIEW
4
-D-
.010
+
D
M T E
e
5
L
DETAIL A
a
SEE DETAIL A
- T -
1
A
S
B
A
SEATING PLANE
3
8
2
A
END VIEW
4
-E-
h x 45°
TOP VIEW
3
E/2
6
N
H +
M
E
M
.010
SEE NOTE 9
2
1
ADDITION
O
"X" DIA. EJECTOR PIN.
D/2
2.16
0°
0.41
0.25
5.84
3.81
0.35
0.127
1.55
MIN.
0.19
1.40
X
L
1
N
H
e
h
E
D
C
B
A
A
O
L
Y
M
B
S
A
2
2.54
2.36
3
5
4.98
4.80
8°
0.89
0.41
6.20
3.99
0.20
0.49
0.25
1.73
COMMON
DIMENSIONS
MAX.
O
N
E
T
1.27 BSC
8
NOM.
1.63
0.15
0.41
3.94
5.99
0.33
0.64
5°
4.93
0.25
1.47
1.55
THIS TABLE IN MILLIMETERS
a
1. MAXIMUM DIE THICKNESS ALLOWABLE IS .015.
9. THE APPEARANCE OF PIN #1 I.D ON THE 8 LD IS OPTIONAL,
8. FORMED LEADS SHALL BE PLANAR WITH RESPECT TO
7. TERMINAL POSITIONS ARE SHOWN FOR REFERENCE ONLY
6. "N" IS THE NUMBER OF TERMINAL POSITIONS.
5. "L" IS THE LENGTH OF TERMINAL FOR
4. "D" & "E" ARE REFERENCE DATUMS AND DO NOT
3. "T" IS A REFERENCE DATUM.
2. DIMENSIONING & TOLERANCES PER ANSI.Y14.5M - 1982.
NOTES:
ROUND TYPE ON SINGLE LEADFRAME AND RECTANGULAR
ONE ANOTHER WITHIN .003 INCHES AT SEATING PLANE.
TYPE ON MATRIX LEADFRAME.
SOLDERING TO A SUBSTRATE.
.010 INCHES AT WINDOW
DOES INCLUDE MOLD MISMATCH AND ARE MEASURED
PROTRUSIONS SHALL NOT EXCEED 0.006 INCHES AT END AND
AT THE MOLD PARTING LINE. MOLD FLASH OR
INCLUDE MOLD FLASH OR PROTRUSIONS, BUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com