Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7981 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L7981
Description  3 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7981 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L7981 Datasheet HTML 29Page - STMicroelectronics L7981 Datasheet HTML 30Page - STMicroelectronics L7981 Datasheet HTML 31Page - STMicroelectronics L7981 Datasheet HTML 32Page - STMicroelectronics L7981 Datasheet HTML 33Page - STMicroelectronics L7981 Datasheet HTML 34Page - STMicroelectronics L7981 Datasheet HTML 35Page - STMicroelectronics L7981 Datasheet HTML 36Page - STMicroelectronics L7981 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
L7981
Application informations
Doc ID 15182 Rev 3
33/44
Figure 22.
Junction temperature vs. output
current
Figure 23.
Junction temperature vs. output
current
Figure 24.
Junction temperature vs. output
current
Figure 25.
Efficiency vs. output current
Figure 26.
Efficiency vs.output current
Figure 27.
Efficiency vs. output current
72
77
82
87
92
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Io [A]
VOUT=5.0 V
fsw=250 kHz
VIN=18V
VIN=12V
VIN=24V
65
70
75
80
85
90
95
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Io [A]
VOUT=3.3 V
fsw=250 kHz
VIN=5V
VIN=12V
VIN=24V
50
55
60
65
70
75
80
85
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Io [A]
VOUT=1.8 V
fsw=250 kHz
VIN=5V
VIN=12V
VIN=24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com