Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF5484CZP200 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MCF5484CZP200
Description  MCF548x ColdFire짰 Microprocessor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5484CZP200 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MCF5484CZP200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
FlexBus
MCF548x ColdFire® Microprocessor, Rev. 4
Freescale Semiconductor
13
8.1
FlexBus AC Timing Characteristics
The following timing numbers indicate when data is latched or driven onto the external bus, relative to the system clock.
Table 10. FlexBus AC Timing Specifications
Num
Characteristic
Min
Max
Unit
Notes
Frequency of Operation
25
50
Mhz
1
1 The frequency of operation is the same as the PCI frequency of operation. The MCF548X supports a single
external reference clock (CLKIN). This signal defines the frequency of operation for FlexBus and PCI.
FB1
Clock Period (CLKIN)
20
40
ns
2
2 Max cycle rate is determined by CLKIN and how the user has the system PLL configured.
FB2
Address, Data, and Control Output Valid (AD[31:0], FBCS[5:0],
R/W, ALE, TSIZ[1:0], BE/BWE[3:0], OE, and TBST)
—7.0
ns
3
3 Timing for chip selects only applies to the FBCS[5:0] signals. Please see Section 9.2, “DDR SDRAM AC Timing
Characteristics” for SDCS[3:0] timing.
FB3
Address, Data, and Control Output Hold ((AD[31:0], FBCS[5:0],
R/W, ALE, TSIZ[1:0], BE/BWE[3:0], OE, and TBST)
1—
ns
3, 4
4 The FlexBus supports programming an extension of the address hold. Please consult the MCF548X
specification manual for more information.
FB4
Data Input Setup
3.5
—
ns
FB5
Data Input Hold
0
—
ns
FB6
Transfer Acknowledge (TA) Input Setup
4
—
ns
FB7
Transfer Acknowledge (TA) Input Hold
0
—
ns
FB8
Address Output Valid (PCIAD[31:0])
—
7.0
ns
5
5 These specs are used when the PCIAD[31:0] signals are configured as 32-bit, non-muxed FlexBus address
signals.
FB9
Address Output Hold (PCIAD[31:0])
0
—
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com