Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL5310ACP-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5310ACP-R2
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310ACP-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5310ACP-R2 Datasheet HTML 2Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 3Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 4Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 5Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADL5310
Rev. A | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VP = 5 V, VN = 0 V, RREF = 665 kΩ, TA = 25°C, unless otherwise noted.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IINP (A)
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VIN = 0V
Figure 3. VLOG vs. IINP for Multiple Temperatures
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IREF (A)
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VIN = 0V
Figure 4. VLOG vs. IREF for Multiple Temperatures (IINP = 3 µA)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IINP (A)
3nA
30nA
300nA
3
µA
30
µA
300
µA
3mA
Figure 5. VLOG vs. IINP for Multiple Values of IREF,
Decade Steps from 3 nA to 3 mA
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IINP (A)
+85°C
+70°C
+25°C
0°C
–40°C
Figure 6. Law Conformance Error vs. IINP for Multiple Temperatures,
Normalized to 25°C
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IREF (A)
+70°C
+85°C
+25°C
0°C
–40°C
Figure 7. Law Conformance Error vs. IREF for Multiple Temperatures,
Normalized to 25°C (IINP = 3 µA)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IINP (A)
300nA
30nA
3nA
3mA
3
µA
30
µA
300
µA
Figure 8. Law Conformance Error vs. IINP for Multiple Values of IREF,
Decade Steps from 3 nA to 3 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com