| Electronic Components Datasheet Search |
|
TNETX15AEPGE Datasheet(PDF) 62 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15AEPGE Datasheet(HTML) 62 Page - Texas Instruments |
|
62 / 79 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 62 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION ADD interrupts (NEW, NEWM, CHNG, CHNGM, SECVIO, SECVIOM, and FULL) (continued) The add interrupts are indicated in the interrupt register and the information for the particular interrupt is placed in the newnode and newport registers. Since there is only one set of registers that is shared for these interrupts, and to ensure that the information placed in these registers is not corrupted during reads, ADD locks the newnode and newport registers until the most-significant byte of newport is read. Locking these registers means that ADD does not have a place to put information for new events. If additional events are missed, they are indicated in the int register as missed interrupts (NEWM, CHNGM, and SECVIOM). On a NEW interrupt, the newport register contains information about the port for the new address. On a CHNG interrupt, this register identifies the new port address. On a SECVIO interrupt, the address does not move to the port, but the newport register indicates the port to which it tried to move. aging interrupts (AGE, AGEM) When an address is aged out by the internal AGE logic, it generates an interrupt and reports about that address in the following registers: BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS Agednode23–Agednode16 Agednode31–Agednode24 Agednode39–Agednode32 Agednode47–Agednode40 0x40 Agedport Agednode7–Agednode0 Agednode15–Agednode8 0x44 AGE indicates an interrupt every time that it ages out a node. It places the information on the node (being aged out) on the agednode register, the node’s port on agedport. These registers are locked when a new interrupt is given to protect the information contained. Missed interrupts due to these registers being locked are indicated as an AGEM interrupt. These registers are unlocked when the agedport register is read. statistic interrupt (STAT) The statistic interrupt is given when one of the statistic registers (except for numnodes) becomes one-half full; the most-significant bit becomes a 1. This is an indication to the management CPU that the statistic registers should be read to avoid counter overrun. Reading the most-significant byte of a statistic counter, except for numnodes, clears it. The host should read least-significant byte, then most-significant byte, and be prepared for a carry between byte reads. If a carry took place between byte needs, the statistic count will appear to have jumped by 255 instead of one count. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |