Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPT7850SCN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SPT7850SCN
Description  10-BIT, 20 MSPS, 140 mW A/D CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7850SCN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SPT7850SCN Datasheet HTML 1Page - Fairchild Semiconductor SPT7850SCN Datasheet HTML 2Page - Fairchild Semiconductor SPT7850SCN Datasheet HTML 3Page - Fairchild Semiconductor SPT7850SCN Datasheet HTML 4Page - Fairchild Semiconductor SPT7850SCN Datasheet HTML 5Page - Fairchild Semiconductor SPT7850SCN Datasheet HTML 6Page - Fairchild Semiconductor SPT7850SCN Datasheet HTML 7Page - Fairchild Semiconductor SPT7850SCN Datasheet HTML 8Page - Fairchild Semiconductor SPT7850SCN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
6/15/01
SPT7850
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD=DVDD=OVDD=+5.0 V, VIN=0 to 4 V, ƒCLK=40 MHz, ƒS=20 MSPS, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7850
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Total Harmonic Distortion (THD)
ƒIN = 3.58 MHz
VI
56
59
dB
ƒIN = 10.3 MHz
VI
53
56
dB
Signal-to-Noise and Distortion
(SINAD)
ƒIN = 3.58 MHz
VI
52
55
dB
ƒIN = 10.3 MHz
VI
50
53
dB
Spurious Free Dynamic Range
ƒIN = 1 MHz
V
63
dB
Digital Inputs
Logic 1 Voltage
VI
2.0
V
Logic 0 Voltage
VI
0.8
V
Maximum Input Current Low
VI
–10
+10
µA
Maximum Input Current High
VI
–10
+10
µA
Input Capacitance
V
5
pF
Digital Outputs
Logic 1 Voltage
IOH = 0.5 mA
VI
3.5
V
Logic 0 Voltage
IOL = 1.6 mA
VI
0.4
V
tRISE
15 pF load
V
10
ns
tFALL
15 pF load
V
10
ns
Output Enable to Data Output Delay 20 pF load, TA = +25 °CV
10
ns
50 pF load over temp.
V
22
ns
Power Supply Requirements
Voltages
OVDD
IV
3.0
5.25
V
DVDD
IV
4.75
5.0
5.25
V
AVDD
IV
4.75
5.0
5.25
V
Currents
AIDD
VI
10
12
mA
DIDD
VI
18
21
mA
Power Dissipation
VI
140
165
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com