Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1807CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1807CS8
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1807CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1807CS8 Datasheet HTML 6Page - Linear Technology LT1807CS8 Datasheet HTML 7Page - Linear Technology LT1807CS8 Datasheet HTML 8Page - Linear Technology LT1807CS8 Datasheet HTML 9Page - Linear Technology LT1807CS8 Datasheet HTML 10Page - Linear Technology LT1807CS8 Datasheet HTML 11Page - Linear Technology LT1807CS8 Datasheet HTML 12Page - Linear Technology LT1807CS8 Datasheet HTML 13Page - Linear Technology LT1807CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT1806/LT1807
10
18067fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the −40°C < T
A < 85°C
temperature range. VS = ±5V, VSHDN = open; VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
VCM = V –
VCM = V+ (LT1806 SOT-23)
VCM = V – (LT1806 SOT-23)
l
l
l
l
200
200
200
200
900
900
975
975
μV
μV
μV
μV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V+
VCM = V –
l
l
1.5
1.5
5
5
μV/°C
μV/°C
ΔVOS
Input Offset Voltage Shift
VCM = V – to V+
VCM = V – to V+ (LT1806 SOT-23)
l
l
100
100
900
975
μV
μV
Input Offset Voltage Match (Channel-to-Channel)
(Note 10)
VCM = V –, VCM = V+
l
300
1600
μV
IB
Input Bias Current
VCM = V+ – 0.2V
VCM = V – + 0.4V
l
l
–16
1.2
–5
7μA
μA
ΔIB
Input Bias Current Shift
VCM = V – + 0.4V to V+ – 0.2V
l
623
μA
Input Bias Current Match (Channel-to-Channel)
(Note 10)
VCM = V+ – 0.2V
VCM = V – + 0.4V
l
l
0.03
0.04
2
4.5
μA
μA
IOS
Input Offset Current
VCM = V+ – 0.2V
VCM = V – + 0.4V
l
l
0.03
0.04
1.0
2.2
μA
μA
ΔIOS
Input Offset Current Shift
VCM = V – + 0.4V to V+ – 0.2V
l
0.07
3.2
μA
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
VO = –2V to 2V, RL =100Ω
l
l
60
7
175
17
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V – to V+
l
80
100
dB
CMRR Match (Channel-to-Channel) (Note 10)
VCM = V – to V+
l
74
100
dB
Input Common Mode Range
l
V –
V+
V
PSRR
Power Supply Rejection Ratio
V+ = 2.5V to 10V, V – = 0V
l
86
105
dB
PSRR Match (Channel-to-Channel) (Note 10)
l
80
105
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
ISINK = 5mA
ISINK = 20mA
l
l
l
20
65
200
100
170
500
mV
mV
mV
VOH
Output Voltage Swing High (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 20mA
l
l
l
50
115
360
160
260
700
mV
mV
mV
ISC
Short-Circuit Current
l
±25
±55
mA
IS
Supply Current per Amplifier
l
15
22
mA
Disable Supply Current
VSHDN = 0.3V
l
0.45
1.5
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
l
170
400
μA
Shutdown Output Leakage Current
VSHDN = 0.3V
l
1.2
μA
VL
SHDN Pin Input Voltage Low
l
0.3
V
VH
SHDN Pin Input Voltage High
l V+ – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω
l
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com