Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1129 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1129
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129 Datasheet(HTML) 5 Page - Linear Technology

  LT1129 Datasheet HTML 1Page - Linear Technology LT1129 Datasheet HTML 2Page - Linear Technology LT1129 Datasheet HTML 3Page - Linear Technology LT1129 Datasheet HTML 4Page - Linear Technology LT1129 Datasheet HTML 5Page - Linear Technology LT1129 Datasheet HTML 6Page - Linear Technology LT1129 Datasheet HTML 7Page - Linear Technology LT1129 Datasheet HTML 8Page - Linear Technology LT1129 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
TEMPERATURE (
°C)
–50
206
204
202
198
200
196
194
3020 G04
25
0
–25
50
75
125
100
IL = 1mA
ADJ Pin Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
0
1000
900
800
600
700
500
400
300
200
100
0
8
3020 G05
2
135
79
4
6
10
VOUT = 1.2V
IL = 0
TJ = 25°C
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
0
2500
2250
2000
1500
1750
1250
1000
750
500
250
0
8
3020 G06
2
135
79
4
6
10
VOUT = 1.2V
TJ = 25°C
RL = 12Ω
IL = 100mA
RL = 24Ω
IL = 50mA
RL = 120Ω
IL = 10mA
RL = 1.2k, IL = 1mA
Quiescent Current
GND Pin Current
TEMPERATURE (
°C)
–50
1.830
1.820
1.810
1.800
1.790
1.780
1.770
25
75
3020 G22
–25
0
50
100
125
IL = 1mA
TEMPERATURE (
°C)
–50
1.530
1.520
1.510
1.500
1.490
1.480
1.470
25
75
3020 G23
–25
0
50
100
125
IL = 1mA
TEMPERATURE (
°C)
–50
1.230
1.220
1.210
1.200
1.190
1.180
1.170
25
75
3020 G24
–25
0
50
100
125
IL = 1mA
Output Voltage
Output Voltage
Output Voltage
Typical Dropout Voltage
Dropout Voltage
Quiescent Current
OUTPUT CURRENT (mA)
0
250
225
200
150
175
125
100
75
50
25
0
80
3020 G01
20
10
30
50
70
90
40
60
100
TJ = 125°C
TJ = 25°C
TEMPERATURE (
°C)
–50
250
225
200
150
175
125
100
75
50
25
0
3020 G02
25
0
–25
50
75
125
100
IL = 1mA
IL = 100mA
IL = 50mA
IL = 10mA
VOUT = 1.2V
TEMPERATURE (
°C)
–50
250
225
200
150
175
125
100
75
50
25
0
3020 G03
25
0
–25
50
75
125
100
VSHDN = VIN
VSHDN = 0V
VIN = 6V
VOUT = 1.2V
IL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com