Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1655CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1655CS8
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1655CS8 Datasheet HTML 7Page - Linear Technology LTC1655CS8 Datasheet HTML 8Page - Linear Technology LTC1655CS8 Datasheet HTML 9Page - Linear Technology LTC1655CS8 Datasheet HTML 10Page - Linear Technology LTC1655CS8 Datasheet HTML 11Page - Linear Technology LTC1655CS8 Datasheet HTML 12Page - Linear Technology LTC1655CS8 Datasheet HTML 13Page - Linear Technology LTC1655CS8 Datasheet HTML 14Page - Linear Technology LTC1655CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1655/LTC1655L
TYPICAL APPLICATIONS
This circuit shows how to use an LTC1655 to make an
optoisolated digitally controlled 4mA to 20mA process
controller. The controller circuitry, including the
optoisolation, is powered by the loop voltage that can have
a wide range of 6V to 30V. The 2.048V reference output of
the LTC1655 is used for the 4mA offset current and VOUT
is used for the digitally controlled 0mA to 16mA current.
RS is a sense resistor and the op amp modulates the
transistor Q1 to provide the 4mA to 20mA current through
this resistor. The potentiometers allow for offset and full-
scale adjustment. The control circuitry dissipates well
under the 4mA budget at zero scale.
1655/55L TA03
3k
10k
1k
75k
1%
5k
150k
1%
20k
Q1
2N3440
RS
10
Ω
VLOOP
6V TO 30V
IOUT
OUT
IN
CLK
DIN
CS/LD
CLK
DIN
CS/LD
CLK
DIN
CS/LD
VCC
VOUT
1
µF
LTC1655
4N28
OPTOISOLATORS
5V
500
Ω
LT
®1121-5
FROM
OPTOISOLATED
INPUTS
VREF
GND
–
+
LT
®1077
1
86
5
7
2
3
6
7
4
3
2
An Isolated 4mA to 20mA Process Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com