Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1735CF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1735CF
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CF Datasheet(HTML) 4 Page - Linear Technology

  LTC1735CF Datasheet HTML 1Page - Linear Technology LTC1735CF Datasheet HTML 2Page - Linear Technology LTC1735CF Datasheet HTML 3Page - Linear Technology LTC1735CF Datasheet HTML 4Page - Linear Technology LTC1735CF Datasheet HTML 5Page - Linear Technology LTC1735CF Datasheet HTML 6Page - Linear Technology LTC1735CF Datasheet HTML 7Page - Linear Technology LTC1735CF Datasheet HTML 8Page - Linear Technology LTC1735CF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
LTC1735
1735fc
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
(3 Operating Modes)
Efficiency vs Load Current
Efficiency vs Input Voltage
LOAD CURRENT (A)
0.001
60
70
80
BURST
SYNC
10
1735 G01
50
40
20
0.01
0.1
1
30
100
90
VIN = 10V
VOUT = 3.3V
RS = 0.01Ω
fO = 300kHz
EXTVCC OPEN
CONTINUOUS
LOAD CURRENT (A)
0.01
0.1
1
10
1735 G02
100
90
80
70
60
50
40
VIN = 5V
EXTVCC = 5V
FIGURE 1
VIN = 24V
VIN = 15V
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1735 G03
25
30
95
EXTVCC = 5V
VOUT = 1.6V
FIGURE 1
IOUT = 5A
IOUT = 0.5A
Efficiency vs Input Voltage
Load Regulation
VIN – VOUT Dropout Voltage
vs Load Current
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1735 G04
25
30
95
EXTVCC OPEN
VOUT = 1.6V
FIGURE 1
IOUT = 5A
IOUT = 0.5A
LOAD CURRENT (A)
0
–0.2
–0.1
8
1735 G05
–0.3
–0.4
2
4
6
10
0
FCB = 0V
VIN = 15V
FIGURE 1
LOAD CURRENT (A)
0
0
500
400
300
200
100
2468
1735 G06
10
RSENSE = 0.005Ω
VOUT = 5V – 5% DROP
Note 3: The LTC1735 is tested in a feedback loop that servos VOSENSE to
the balance point for the error amplifier (VITH = 1.2V).
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 5: Oscillator frequency is tested by measuring the COSC charge
current (IOSC) and applying the formula:
f
CpF
I
I
OSC
OSC
CHG
DIS
=
+


+


8 477 10
11
11
11
1
.(
)
()
–
Note 6: The minimum on-time condition corresponds to an inductor peak-
to-peak ripple current
≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 7: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 8: The LTC1735E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC1735I specifications are
guaranteed over the full –40
°C to 85°C operating temperature range.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com