Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1735CS Datasheet(PDF) 30 Page - Linear Technology

Part # LTC1735CS
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC1735CS Datasheet HTML 24Page - Linear Technology LTC1735CS Datasheet HTML 25Page - Linear Technology LTC1735CS Datasheet HTML 26Page - Linear Technology LTC1735CS Datasheet HTML 27Page - Linear Technology LTC1735CS Datasheet HTML 28Page - Linear Technology LTC1735CS Datasheet HTML 29Page - Linear Technology LTC1735CS Datasheet HTML 30Page - Linear Technology LTC1735CS Datasheet HTML 31Page - Linear Technology LTC1735CS Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
LTC1735
1735fc
Dual Output 15W 3.3V/5V Power Supply
TYPICAL APPLICATIO S
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735
CSS
0.1
µF
CB
0.1
µF
CC2
220pF
100pF
CC
470pF
RC
33k
RSENSE
0.012
Ω
VOUT
5V
3.5A
VOUT2
12V
120mA
UNREG
1000pF
COSC
51pF
+
4.7
µF
+
COUT
100
µF
10V
×3
AVX
+
CSEC
22
µF
35V
AVX
M1
Si4802DY
M2
Si4802DY
1735 TA04
+
CIN
22
µF
30V
OS-CON
DB
CMDSH-3
R2
105k
1%
CIN: SANYO OS-CON 30SC22M
COUT: AVX TPSD107M010R0068
T1: 1:8 DALE LPE6562-A262
R1
20k
1%
MBRS140T3
VIN
5.5V TO 28V
T1
1:1.8
10
µH
SGND
MBRS1100T3
22
Ω
1000pF
10k
100
Ω
100
Ω
140k
5V/3.5A Converter with 12V/200mA Auxiliary Output
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735
CSS
0.1
µF
CB
0.1
µF
0.01
µF
CC2
100pF
100pF
CC
470pF
RC
33k
RSENSE
0.01
Ω
VOUT1
3.3V
2.5A
1000pF
COSC
47pF
+
4.7
µF
+
COUT1
100
µF
10V
×2
COUT2
100
µF
10V
×2
VOUT2
5V
1.5A
M1
Si4412DY
M2
Si4412DY
M3
Si4412DY
1735 TA08
CIN
22
µF
50V
DB
CMDSH-3
R2
62.6k
1%
CIN: MARCON THCR70EIH226ZT
COUT1, 2: AVX TPSD107M010R0065
T1: BI TECHNOLOGIES HM00-93839
RSENSE: IRC LRF2512-01-R010 F
R1
20k
1%
MBRS140T3
CMDSH-3
MBRS140T3
VIN
4.5V TO 28V
T1A
T1B
T1C
4.7k
18
•
VOUT2
27
•
36
•
SGND
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com