Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3602EUF Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3602EUF
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602EUF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3602EUF Datasheet HTML 11Page - Linear Technology LTC3602EUF Datasheet HTML 12Page - Linear Technology LTC3602EUF Datasheet HTML 13Page - Linear Technology LTC3602EUF Datasheet HTML 14Page - Linear Technology LTC3602EUF Datasheet HTML 15Page - Linear Technology LTC3602EUF Datasheet HTML 16Page - Linear Technology LTC3602EUF Datasheet HTML 17Page - Linear Technology LTC3602EUF Datasheet HTML 18Page - Linear Technology LTC3602EUF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC3602
15
3602fb
APPLICATIONS INFORMATION
capacitance and a ceramic capacitor in parallel to lower
the total effective ESR. For this design, a 100μF ceramic
capacitor will be used. CIN should be sized for a maximum
current rating of:
IA
V
V
V
V
A
RMS
RMS
==
25
33
8 4
8 4
33
11 22
.•
.
.
•
.
.
–.
Decoupling the PVIN pin with a 22μF ceramic capacitor is
adequate for most applications.
The output voltage can now be programmed by choosing
the values of R1 and R2. Chose R1 = 105k and calculate
R2 as:
R2
=R1
V
OUT
0.6V
–1
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟ = 472.5k
Choose a standard value of R2 = 475k. The voltage on
the MODE pin will be set to 0.6V by tying the MODE pin
to the FB pin. This will set the burst current equal to ap-
proximately 1A. Figure 6 shows a complete schematic for
this design example.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3602. Check the following in your layout:
1. A ground plane is recommended. If a ground plane layer
is not used, the signal and power grounds should be
segregated with all small signal components returning
to the SGND pin at one point which is then connected
to the PGND pin close to the LTC3602.
2. Connect the (+) terminal of the input capacitor(s), CIN, as
close as possible to the PVIN pin. This capacitor provides
the AC current into the internal power MOSFETs.
3. Keep the switching node, SW, away from all sensitive
small signal nodes.
4. Flood all unused areas on all layers with copper. Flooding
with copper will reduce the temperature rise of power
components. You can connect the copper areas to any
DC net (PVIN, INTVCC, VOUT, PGND, SGND, or any other
DC rail in your system).
Figure 6. 8.4V to 3.3V, 2.5A Regulator at 1MHz, Burst Mode Operation
CIN
22μF
VIN
8.4V
VOUT
3.3V
2.5A
3602 F06
D1
L1
2.2μH
ROSC
105k
RITH
4.32k
R1
105k
RPG
200k
L1: VISHAY IHLP2525CZER2R2MO1
CIN: TAIYO YUDEN TMK325BJ226MM-T
COUT: TDK C3225X5ROJ107M
CVCC
1μF
CITH
1nF
COUT
100μF
SYNC/MODE
PGOOD
RT
ITH
VFB
RUN
TRACK/SS
PGND
INTVCC
PVIN
BOOST
SW
SW
SW
PGND
PGND
LTC3602
R2
475k
CBST
0.22μF
PGOOD
CFB
22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com