Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4267IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4267IGN Datasheet HTML 24Page - Linear Technology LTC4267IGN Datasheet HTML 25Page - Linear Technology LTC4267IGN Datasheet HTML 26Page - Linear Technology LTC4267IGN Datasheet HTML 27Page - Linear Technology LTC4267IGN Datasheet HTML 28Page - Linear Technology LTC4267IGN Datasheet HTML 29Page - Linear Technology LTC4267IGN Datasheet HTML 30Page - Linear Technology LTC4267IGN Datasheet HTML 31Page - Linear Technology LTC4267IGN Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC4267
28
4267fc
TYPICAL APPLICATIO S
Class 3 PD with 5V Nonisolated Power Supply
PVCC
NGATE
PWRGD
SENSE
VFB
ITH/RUN
VPORTP
RCLASS
SIGDISA
VPORTN
LTC4267
45.3
Ω
1%
100k
1µF
300µF**
•
•
COILTRONICS
CTX-02-15242
BAS516
UPS840
SMAJ58A
5V
1.8A
HD01
HD01
+
–
+
–
–48V
FROM
DATA PAIR
–48V
FROM
SPARE PAIR
4267 TA03
FDC2512
0.04
Ω
1%
10k
220k
220
Ω
42.2k
1%
27k
150pF
200V
9.1V
22nF
0.1µF
5µF*
MIN
PGND
POUT
MMBTA42
8.06k
1%
*1µF CERAMIC + 4.7µF TANTALUM
** THREE 100µF CERAMICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com