Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL1220-4S-R090G Datasheet(PDF) 8 Page - DAESAN ELECTRONIC CORP.

Part # RL1220-4S-R090G
Description  1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1220-4S-R090G Datasheet(HTML) 8 Page - DAESAN ELECTRONIC CORP.

  RL1220-4S-R090G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1220-4S-R090G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1220-4S-R090G Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1220-4S-R090G Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1220-4S-R090G Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1220-4S-R090G Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1220-4S-R090G Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL1220-4S-R090G Datasheet HTML 8Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PAGE
8
OF
8
TITLE :
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
Delta Electronics, Inc.
DOCUMENT
NO.
SR340000NH
PAGE
REV.
A0
THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF Delta Electronics, Inc.
AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION
UNLESS OTHERWISE SPECIFIED TOLERANCES ON ﹕
X
= ±
X.X
= ±
X.XX
= ±
ANGLES ±
HOLE DIA. ±
SCALE :
UNIT :
The Engineering Spec. For 1/2W 1220
Low Resistance Chip Resistor
6-2 Peel force of top cover tape
The peel speed shall be about 300 mm / min.
The peel force of top cover tape shall be between 0.1 to 0.7 N.
6-3 Numbers of taping
5,000 pieces / reel
6-4 Making
The following items shall be marked on the reel.
(1)
Type designation
(2)
Quantity
(3)
Manufacturing date code
(4)
Manufacturer’s name
(5)
The country of origin
165 ~ 180°
Top Cover Tape
0.1~0.7 N



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com