Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525EPTSQTP Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC18F2525EPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525EPTSQTP Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC18F2525EPTSQTP Datasheet HTML 75Page - Microchip Technology PIC18F2525EPTSQTP Datasheet HTML 76Page - Microchip Technology PIC18F2525EPTSQTP Datasheet HTML 77Page - Microchip Technology PIC18F2525EPTSQTP Datasheet HTML 78Page - Microchip Technology PIC18F2525EPTSQTP Datasheet HTML 79Page - Microchip Technology PIC18F2525EPTSQTP Datasheet HTML 80Page - Microchip Technology PIC18F2525EPTSQTP Datasheet HTML 81Page - Microchip Technology PIC18F2525EPTSQTP Datasheet HTML 82Page - Microchip Technology PIC18F2525EPTSQTP Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 77
PIC18F2525/2620/4525/4620
TABLE 6-1:
REGISTERS ASSOCIATED WITH DATA EEPROM MEMORY
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
EEADRH
—
—
—
—
—
—
EEPROM Address Register
High Byte
51
EEADR
EEPROM Address Register
51
EEDATA
EEPROM Data Register
51
EECON2
EEPROM Control Register 2 (not a physical register)
51
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
51
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
52
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
52
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
52
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used during Flash/EEPROM access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com