Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 204 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 204 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 200Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 201Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 202Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 203Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 204Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 205Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 206Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 207Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 202
© 2008 Microchip Technology Inc.
REGISTER 18-1:
TXSTA: TRANSMIT STATUS AND CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-1
R/W-0
CSRC
TX9
TXEN(1)
SYNC
SENDB
BRGH
TRMT
TX9D
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CSRC: Clock Source Select bit
Asynchronous mode:
Don’t care.
Synchronous mode:
1
= Master mode (clock generated internally from BRG)
0
= Slave mode (clock from external source)
bit 6
TX9: 9-Bit Transmit Enable bit
1
= Selects 9-bit transmission
0
= Selects 8-bit transmission
bit 5
TXEN: Transmit Enable bit(1)
1
= Transmit enabled
0
= Transmit disabled
bit 4
SYNC: EUSART Mode Select bit
1
= Synchronous mode
0
= Asynchronous mode
bit 3
SENDB: Send Break Character bit
Asynchronous mode:
1
= Send Sync Break on next transmission (cleared by hardware upon completion)
0
= Sync Break transmission completed
Synchronous mode:
Don’t care.
bit 2
BRGH: High Baud Rate Select bit
Asynchronous mode:
1
= High speed
0
= Low speed
Synchronous mode:
Unused in this mode.
bit 1
TRMT: Transmit Shift Register Status bit
1
= TSR empty
0
= TSR full
bit 0
TX9D: 9th Bit of Transmit Data
Can be address/data bit or a parity bit.
Note 1:
SREN/CREN overrides TXEN in Sync mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com