Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 207 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 207 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 203Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 204Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 205Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 206Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 207Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 208Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 209Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 210Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 205
PIC18F2525/2620/4525/4620
18.1
Baud Rate Generator (BRG)
The BRG is a dedicated 8-bit or 16-bit generator that
supports both the Asynchronous and Synchronous
modes of the EUSART. By default, the BRG operates
in 8-bit mode; setting the BRG16 bit (BAUDCON<3>)
selects 16-bit mode.
The SPBRGH:SPBRG register pair controls the period
of a free-running timer. In Asynchronous mode, bits,
BRGH (TXSTA<2>) and BRG16 (BAUDCON<3>), also
control the baud rate. In Synchronous mode, BRGH is
ignored. Table 18-1 shows the formula for computation
of the baud rate for different EUSART modes which
only apply in Master mode (internally generated clock).
Given the desired baud rate and FOSC, the nearest
integer value for the SPBRGH:SPBRG registers can be
calculated using the formulas in Table 18-1. From this,
the error in baud rate can be determined. An example
calculation is shown in Example 18-1. Typical baud
rates and error values for the various Asynchronous
modes are shown in Table 18-2. It may be advantageous
to use the high baud rate (BRGH = 1) or the 16-bit BRG
to reduce the baud rate error, or achieve a slow baud
rate for a fast oscillator frequency.
Writing any value (even the same value) to the
SPBRGH:SPBRG registers immediately reloads the
BRG timer. This may corrupt a transmission or recep-
tion already in progress. This ensures the BRG does
not wait for a timer overflow before outputting the new
baud rate.
18.1.1
OPERATION IN POWER-MANAGED
MODES
The device clock is used to generate the desired baud
rate. When one of the power-managed modes is
entered, the new clock source may be operating at a
different frequency. This may require an adjustment to
the value in the SPBRG register pair.
18.1.2
SAMPLING
The data on the RX pin is sampled three times by a
majority detect circuit to determine if a high or a low
level is present at the RX pin when SYNC is clear or
when BRG16 and BRGH are both not set. The data on
the RX pin is sampled once when SYNC is set or when
BRGH16 and BRGH are both set.
TABLE 18-1:
BAUD RATE FORMULAS
Configuration Bits
BRG/EUSART Mode
Baud Rate Formula
SYNC
BRG16
BRGH
00
0
8-bit/Asynchronous
FOSC/[64 (n + 1)]
00
1
8-bit/Asynchronous
FOSC/[16 (n + 1)]
01
0
16-bit/Asynchronous
01
1
16-bit/Asynchronous
FOSC/[4 (n + 1)]
10
x
8-bit/Synchronous
11
x
16-bit/Synchronous
Legend: x = Don’t care, n = value of SPBRGH:SPBRG register pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com