Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 209 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 209 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 205Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 206Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 207Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 208Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 209Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 210Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 211Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 212Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 207
PIC18F2525/2620/4525/4620
TABLE 18-3:
BAUD RATES FOR ASYNCHRONOUS MODES
BAUD
RATE
(K)
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 40.000 MHz
FOSC = 20.000 MHz
FOSC = 10.000 MHz
FOSC = 8.000 MHz
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
0.3
—
——
—
—
—
—
——
—
—
—
1.2
—
—
—
1.221
1.73
255
1.202
0.16
129
1.201
-0.16
103
2.4
2.441
1.73
255
2.404
0.16
129
2.404
0.16
64
2.403
-0.16
51
9.6
9.615
0.16
64
9.766
1.73
31
9.766
1.73
15
9.615
-0.16
12
19.2
19.531
1.73
31
19.531
1.73
15
19.531
1.73
7
—
—
—
57.6
56.818
-1.36
10
62.500
8.51
4
52.083
-9.58
2
—
—
—
115.2
125.000
8.51
4
104.167
-9.58
2
78.125
-32.18
1
—
—
—
BAUD
RATE
(K)
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 4.000 MHz
FOSC = 2.000 MHz
FOSC = 1.000 MHz
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
0.3
0.300
0.16
207
0.300
-0.16
103
0.300
-0.16
51
1.2
1.202
0.16
51
1.201
-0.16
25
1.201
-0.16
12
2.4
2.404
0.16
25
2.403
-0.16
12
—
—
—
9.6
8.929
-6.99
6
—
—
—
—
—
—
19.2
20.833
8.51
2
—
—
—
—
—
—
57.6
62.500
8.51
0
—
—
—
—
—
—
115.2
62.500
-45.75
0
—
—
—
—
—
—
BAUD
RATE
(K)
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 40.000 MHz
FOSC = 20.000 MHz
FOSC = 10.000 MHz
FOSC = 8.000 MHz
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
0.3
—
——
—
—
—
—
——
—
—
—
1.2
—
——
—
—
—
—
——
—
—
—
2.4
—
—
—
—
—
—
2.441
1.73
255
2.403
-0.16
207
9.6
9.766
1.73
255
9.615
0.16
129
9.615
0.16
64
9.615
-0.16
51
19.2
19.231
0.16
129
19.231
0.16
64
19.531
1.73
31
19.230
-0.16
25
57.6
58.140
0.94
42
56.818
-1.36
21
56.818
-1.36
10
55.555
3.55
8
115.2
113.636
-1.36
21
113.636
-1.36
10
125.000
8.51
4
—
—
—
BAUD
RATE
(K)
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 4.000 MHz
FOSC = 2.000 MHz
FOSC = 1.000 MHz
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
Actual
Rate
(K)
%
Error
SPBRG
value
(decimal)
0.3
—
—
—
—
—
—
0.300
-0.16
207
1.2
1.202
0.16
207
1.201
-0.16
103
1.201
-0.16
51
2.4
2.404
0.16
103
2.403
-0.16
51
2.403
-0.16
25
9.6
9.615
0.16
25
9.615
-0.16
12
—
—
—
19.2
19.231
0.16
12
—
—
—
—
—
—
57.6
62.500
8.51
3
—
—
—
—
—
—
115.2
125.000
8.51
1
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com