Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 212 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 212 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 208Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 209Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 210Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 211Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 212Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 213Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 214Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 215Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 210
© 2008 Microchip Technology Inc.
FIGURE 18-1:
AUTOMATIC BAUD RATE CALCULATION
FIGURE 18-2:
BRG OVERFLOW SEQUENCE
BRG Value
RX pin
ABDEN bit
RCIF bit
Bit 0
Bit 1
(Interrupt)
Read
RCREG
BRG Clock
Start
Auto-Cleared
Set by User
XXXXh
0000h
Edge #1
Bit 2
Bit 3
Edge #2
Bit 4
Bit 5
Edge #3
Bit 6
Bit 7
Edge #4
Stop Bit
Edge #5
001Ch
Note: The ABD sequence requires the EUSART module to be configured in Asynchronous mode and WUE = 0.
SPBRG
XXXXh
1Ch
SPBRGH
XXXXh
00h
Start
Bit 0
XXXXh
0000h
0000h
FFFFh
BRG Clock
ABDEN bit
RX pin
ABDOVF bit
BRG Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com