Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 227 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 227 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 223Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 224Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 225Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 226Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 227Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 228Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 229Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 230Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 225
PIC18F2525/2620/4525/4620
REGISTER 19-3:
ADCON2: A/D CONTROL REGISTER 2
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ADFM: A/D Result Format Select bit
1
= Right justified
0
= Left justified
bit 6
Unimplemented: Read as ‘0’
bit 5-3
ACQT2:ACQT0: A/D Acquisition Time Select bits
111
= 20 TAD
110
= 16 TAD
101
= 12 TAD
100
= 8 TAD
011
= 6 TAD
010
= 4 TAD
001
= 2 TAD
000
= 0 TAD(1)
bit 2-0
ADCS2:ADCS0: A/D Conversion Clock Select bits
111
= FRC (clock derived from A/D RC oscillator)(1)
110
= FOSC/64
101
= FOSC/16
100
= FOSC/4
011
= FRC (clock derived from A/D RC oscillator)(1)
010
= FOSC/32
001
= FOSC/8
000
= FOSC/2
Note 1:
If the A/D FRC clock source is selected, a delay of one TCY (instruction cycle) is added before the A/D
clock starts. This allows the SLEEP instruction to be executed before starting a conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com