Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 229 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 229 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 225Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 226Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 227Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 228Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 229Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 230Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 231Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 232Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 227
PIC18F2525/2620/4525/4620
The value in the ADRESH:ADRESL registers is not
modified for a Power-on Reset. The ADRESH:ADRESL
registers will contain unknown data after a Power-on
Reset.
After the A/D module has been configured as desired,
the selected channel must be acquired before the
conversion is started. The analog input channels must
have their corresponding TRIS bits selected as an
input. To determine acquisition time, see Section 19.1
“A/D Acquisition Requirements”. After this acquisi-
tion time has elapsed, the A/D conversion can be
started. An acquisition time can be programmed to
occur between setting the GO/DONE bit and the actual
start of the conversion.
The following steps should be followed to perform an A/D
conversion:
1.
Configure the A/D module:
• Configure analog pins, voltage reference and
digital I/O (ADCON1)
• Select A/D input channel (ADCON0)
• Select A/D acquisition time (ADCON2)
• Select A/D conversion clock (ADCON2)
• Turn on A/D module (ADCON0)
2.
Configure A/D interrupt (if desired):
• Clear ADIF bit
• Set ADIE bit
• Set GIE bit
3.
Wait the required acquisition time (if required).
4.
Start conversion:
• Set GO/DONE bit (ADCON0 register)
5.
Wait for A/D conversion to complete, by either:
• Polling for the GO/DONE bit to be cleared
OR
• Waiting for the A/D interrupt
6.
Read A/D Result registers (ADRESH:ADRESL);
clear bit ADIF, if required.
7.
For next conversion, go to step 1 or step 2, as
required. The A/D conversion time per bit is
defined as TAD. A minimum wait of 2 TAD is
required before the next acquisition starts.
FIGURE 19-2:
A/D TRANSFER FUNCTION
FIGURE 19-3:
ANALOG INPUT MODEL
3FEh
003h
002h
001h
000h
Analog Input Voltage
3FFh
VAIN
CPIN
Rs
ANx
5 pF
VT = 0.6V
VT = 0.6V
ILEAKAGE
RIC
≤ 1k
Sampling
Switch
SS
RSS
CHOLD = 25 pF
VSS
VDD
±100 nA
Legend: CPIN
VT
ILEAKAGE
RIC
SS
CHOLD
= Input Capacitance
= Threshold Voltage
= Leakage Current at the pin due to
= Interconnect Resistance
= Sampling Switch
= Sample/Hold Capacitance (from DAC)
various junctions
= Sampling Switch Resistance
RSS
VDD
6V
Sampling Switch
5V
4V
3V
2V
12
3
4
(k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com