Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 248 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 248 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 244Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 245Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 246Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 247Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 248Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 249Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 250Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 251Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 246
© 2008 Microchip Technology Inc.
FIGURE 22-3:
HIGH-VOLTAGE DETECT OPERATION (VDIRMAG = 1)
22.5
Applications
In many applications, the ability to detect a drop below
or rise above a particular threshold is desirable. For
example, the HLVD module could be periodically
enabled to detect a Universal Serial Bus (USB) attach
or detach. This assumes the device is powered by a
lower voltage source than the USB when detached. An
attach would indicate a high-voltage detect from, for
example, 3.3V to 5V (the voltage on USB) and vice
versa for a detach. This feature could save a design a
few extra components and an attach signal (input pin).
For general battery applications, Figure 22-4 shows a
possible voltage curve. Over time, the device voltage
decreases. When the device voltage reaches voltage
VA, the HLVD logic generates an interrupt at time TA.
The interrupt could cause the execution of an ISR,
which would allow the application to perform “house-
keeping tasks” and perform a controlled shutdown
before the device voltage exits the valid operating
range at TB. The HLVD, thus, would give the applica-
tion a time window, represented by the difference
between TA and TB, to safely exit.
FIGURE 22-4:
TYPICAL LOW-VOLTAGE
DETECT APPLICATION
VLVD
VDD
HLVDIF
VLVD
VDD
Enable HLVD
TIRVST
HLVDIF may not be set
Enable HLVD
HLVDIF
HLVDIF cleared in software
HLVDIF cleared in software
HLVDIF cleared in software,
CASE 1:
CASE 2:
HLVDIF remains set since HLVD condition still exists
TIRVST
IRVST
Internal Reference is stable
Internal Reference is stable
IRVST
Time
VA
VB
TA
TB
VA = HLVD trip point
VB = Minimum valid device
operating voltage
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com