Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 252 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 252 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 248Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 249Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 250Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 251Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 252Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 253Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 254Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 250
© 2008 Microchip Technology Inc.
REGISTER 23-1:
CONFIG1H: CONFIGURATION REGISTER 1 HIGH (BYTE ADDRESS 300001h)
R/P-0
R/P-0
U-0
U-0
R/P-0
R/P-1
R/P-1
R/P-1
IESO
FCMEN
—
—
FOSC3
FOSC2
FOSC1
FOSC0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7
IESO: Internal/External Oscillator Switchover bit
1
= Oscillator Switchover mode enabled
0
= Oscillator Switchover mode disabled
bit 6
FCMEN: Fail-Safe Clock Monitor Enable bit
1
= Fail-Safe Clock Monitor enabled
0
= Fail-Safe Clock Monitor disabled
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
FOSC3:FOSC0: Oscillator Selection bits
11xx
= External RC oscillator, CLKO function on RA6
101x
= External RC oscillator, CLKO function on RA6
1001
= Internal oscillator block, CLKO function on RA6, port function on RA7
1000
= Internal oscillator block, port function on RA6 and RA7
0111
= External RC oscillator, port function on RA6
0110
= HS oscillator, PLL enabled (Clock Frequency = 4 x FOSC1)
0101
= EC oscillator, port function on RA6
0100
= EC oscillator, CLKO function on RA6
0011
= External RC oscillator, CLKO function on RA6
0010
= HS oscillator
0001
= XT oscillator
0000
= LP oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com