Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 259 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 259 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 256Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 257Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 261Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 262Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 257
PIC18F2525/2620/4525/4620
REGISTER 23-12: DEVID1: DEVICE ID REGISTER 1 FOR PIC18F2525/2620/4525/4620
RR
R
R
R
R
R
R
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7-5
DEV2:DEV0: Device ID bits
000
= PIC18F4620
010
= PIC18F4525
100
= PIC18F2620
110
= PIC18F2525
bit 4-0
REV4:REV0: Revision ID bits
These bits are used to indicate the device revision.
REGISTER 23-13: DEVID2: DEVICE ID REGISTER 2 FOR PIC18F2525/2620/4525/4620
RR
R
R
R
R
R
R
DEV10(1)
DEV9(1)
DEV8(1)
DEV7(1)
DEV6(1)
DEV5(1)
DEV4(1)
DEV3(1)
bit 7
bit 0
Legend:
R = Read-only bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7-0
DEV10:DEV3: Device ID bits(1)
These bits are used with the DEV2:DEV0 bits in Device ID Register 1 to identify the part number.
0000 1100
= PIC18F2525/2620/4525/4620 devices
Note 1:
These values for DEV10:DEV3 may be shared with other devices. The specific device is always identified
by using the entire DEV10:DEV0 bit sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com