Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 262 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 262 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 261Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 262Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 263Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 264Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 265Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 260
© 2008 Microchip Technology Inc.
23.3
Two-Speed Start-up
The Two-Speed Start-up feature helps to minimize the
latency period from oscillator start-up to code execution
by allowing the microcontroller to use the INTOSC
oscillator as a clock source until the primary clock
source is available. It is enabled by setting the IESO
Configuration bit.
Two-Speed Start-up should be enabled only if the
primary oscillator mode is LP, XT, HS or HSPLL
(Crystal-Based modes). Other sources do not require
an OST start-up delay; for these, Two-Speed Start-up
should be disabled.
When enabled, Resets and wake-ups from Sleep mode
cause the device to configure itself to run from the
internal oscillator block as the clock source, following
the time-out of the Power-up Timer after a Power-on
Reset is enabled. This allows almost immediate code
execution while the primary oscillator starts and the
OST is running. Once the OST times out, the device
automatically switches to PRI_RUN mode.
To use a higher clock speed on wake-up, the INTOSC
or postscaler clock sources can be selected to provide
a higher clock speed by setting bits, IRCF2:IRCF0,
immediately after Reset. For wake-ups from Sleep, the
INTOSC or postscaler clock sources can be selected
by setting the IRCF2:IRCF0 bits prior to entering Sleep
mode.
In all other power-managed modes, Two-Speed Start-
up is not used. The device will be clocked by the
currently selected clock source until the primary clock
source becomes available. The setting of the IESO bit
is ignored.
23.3.1
SPECIAL CONSIDERATIONS FOR
USING TWO-SPEED START-UP
While using the INTOSC oscillator in Two-Speed Start-
up, the device still obeys the normal command
sequences
for
entering
power-managed
modes,
including
multiple
SLEEP
instructions
(refer
to
Section 3.1.4 “Multiple Sleep Commands”). In
practice, this means that user code can change the
SCS1:SCS0 bit settings or issue SLEEP instructions
before the OST times out. This would allow an applica-
tion to briefly wake-up, perform routine “housekeeping”
tasks and return to Sleep before the device starts to
operate from the primary oscillator.
User code can also check if the primary clock source is
currently providing the device clocking by checking the
status of the OSTS bit (OSCCON<3>). If the bit is set,
the primary oscillator is providing the clock. Otherwise,
the internal oscillator block is providing the clock during
wake-up from Reset or Sleep mode.
FIGURE 23-2:
TIMING TRANSITION FOR TWO-SPEED START-UP (INTOSC TO HSPLL)
Q1
Q3 Q4
OSC1
Peripheral
Program
PC
PC + 2
INTOSC
PLL Clock
Q1
PC + 6
Q2
Output
Q3
Q4
Q1
CPU Clock
PC + 4
Clock
Counter
Q2
Q2
Q3
Note 1:
TOST = 1024 TOSC; TPLL = 2 ms (approx). These intervals are not shown to scale.
2:
Clock transition typically occurs within 2-4 TOSC.
Wake from Interrupt Event
TPLL(1)
12
n-1
n
Clock
OSTS bit Set
Transition(2)
Multiplexer
TOST(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com