Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 277 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 277 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 273Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 274Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 275Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 276Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 277Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 278Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 279Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 280Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 275
PIC18F2525/2620/4525/4620
ANDWF
AND W with f
Syntax:
ANDWF
f {,d {,a}}
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(W) .AND. (f)
→ dest
Status Affected:
N, Z
Encoding:
0001
01da
ffff
ffff
Description:
The contents of W are ANDed with
register ‘f’. If ‘d’ is ‘0’, the result is stored
in W. If ‘d’ is ‘1’, the result is stored back
in register ‘f’ (default).
If ‘a’ is ‘0’, the Access Bank is selected.
If ‘a’ is ‘1’, the BSR is used to select the
GPR bank.
If ‘a’ is ‘0’ and the extended instruction
set is enabled, this instruction operates
in Indexed Literal Offset Addressing
mode whenever f
≤ 95 (5Fh). See
Section 24.2.3 “Byte-Oriented and
Bit-Oriented Instructions in Indexed
Literal Offset Mode” for details.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
ANDWF
REG,
0, 0
Before Instruction
W
=
17h
REG
=
C2h
After Instruction
W
=
02h
REG
=
C2h
BC
Branch if Carry
Syntax:
BC
n
Operands:
-128
≤ n ≤ 127
Operation:
if Carry bit is ‘1’,
(PC) + 2 + 2n
→ PC
Status Affected:
None
Encoding:
1110
0010
nnnn
nnnn
Description:
If the Carry bit is ‘1’, then the program
will branch.
The 2’s complement number ‘2n’ is
added to the PC. Since the PC will have
incremented to fetch the next
instruction, the new address will be
PC + 2 + 2n. This instruction is then a
two-cycle instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
If Jump:
Q1
Q2
Q3
Q4
Decode
Read literal
‘n’
Process
Data
Write to PC
No
operation
No
operation
No
operation
No
operation
If No Jump:
Q1
Q2
Q3
Q4
Decode
Read literal
‘n’
Process
Data
No
operation
Example:
HERE
BC
5
Before Instruction
PC
=
address (HERE)
After Instruction
If Carry
=
1;
PC
=
address (HERE + 12)
If Carry
=
0;
PC
=
address (HERE + 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com