Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 280 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 280 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 276Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 277Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 278Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 279Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 280Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 281Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 282Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 283Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 278
© 2008 Microchip Technology Inc.
BNOV
Branch if Not Overflow
Syntax:
BNOV
n
Operands:
-128
≤ n ≤ 127
Operation:
if Overflow bit is ‘0’,
(PC) + 2 + 2n
→ PC
Status Affected:
None
Encoding:
1110
0101
nnnn
nnnn
Description:
If the Overflow bit is ‘0’, then the
program will branch.
The 2’s complement number ‘2n’ is
added to the PC. Since the PC will have
incremented to fetch the next
instruction, the new address will be
PC + 2 + 2n. This instruction is then a
two-cycle instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
If Jump:
Q1
Q2
Q3
Q4
Decode
Read literal
‘n’
Process
Data
Write to PC
No
operation
No
operation
No
operation
No
operation
If No Jump:
Q1
Q2
Q3
Q4
Decode
Read literal
‘n’
Process
Data
No
operation
Example:
HERE
BNOV
Jump
Before Instruction
PC
=
address (HERE)
After Instruction
If Overflow
=
0;
PC
=
address (Jump)
If Overflow
=
1;
PC
=
address (HERE + 2)
BNZ
Branch if Not Zero
Syntax:
BNZ
n
Operands:
-128
≤ n ≤ 127
Operation:
if Zero bit is ‘0’,
(PC) + 2 + 2n
→ PC
Status Affected:
None
Encoding:
1110
0001
nnnn
nnnn
Description:
If the Zero bit is ‘0’, then the program
will branch.
The 2’s complement number ‘2n’ is
added to the PC. Since the PC will have
incremented to fetch the next
instruction, the new address will be
PC + 2 + 2n. This instruction is then a
two-cycle instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
If Jump:
Q1
Q2
Q3
Q4
Decode
Read literal
‘n’
Process
Data
Write to PC
No
operation
No
operation
No
operation
No
operation
If No Jump:
Q1
Q2
Q3
Q4
Decode
Read literal
‘n’
Process
Data
No
operation
Example:
HERE
BNZ
Jump
Before Instruction
PC
=
address (HERE)
After Instruction
If Zero
=
0;
PC
=
address (Jump)
If Zero
=
1;
PC
=
address (HERE + 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com