Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 308 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 308 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 304Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 305Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 306Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 307Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 308Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 309Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 310Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 311Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 306
© 2008 Microchip Technology Inc.
TBLWT
Table Write
Syntax:
TBLWT ( *; *+; *-; +*)
Operands:
None
Operation:
if TBLWT*,
(TABLAT)
→ Holding Register,
TBLPTR – No Change;
if TBLWT*+,
(TABLAT)
→ Holding Register,
(TBLPTR) + 1
→ TBLPTR;
if TBLWT*-,
(TABLAT)
→ Holding Register,
(TBLPTR) – 1
→ TBLPTR;
if TBLWT+*,
(TBLPTR) + 1
→ TBLPTR,
(TABLAT)
→ Holding Register
Status Affected:
None
Encoding:
0000
0000
0000
11nn
nn=0 *
=1 *+
=2 *-
=3 +*
Description:
This instruction uses the 3 LSBs of
TBLPTR to determine which of the
8 holding registers the TABLAT is written
to. The holding registers are used to
program the contents of Program
Memory (P.M.). (Refer to Section 7.0
“Flash Program Memory” for additional
details on programming Flash memory.)
The TBLPTR (a 21-bit pointer) points to
each byte in the program memory.
TBLPTR has a 2-Mbyte address range.
The LSb of the TBLPTR selects which
byte of the program memory location to
access.
TBLPTR[0] = 0:
Least Significant
Byte of Program
Memory Word
TBLPTR[0] = 1:
Most Significant
Byte of Program
Memory Word
The TBLWT instruction can modify the
value of TBLPTR as follows:
• no change
• post-increment
• post-decrement
• pre-increment
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
No
operation
No
operation
No
operation
No
operation
No
operation
(Read
TABLAT)
No
operation
No
operation
(Write to
Holding
Register )
TBLWT
Table Write (Continued)
Example 1:
TBLWT *+;
Before Instruction
TABLAT
=
55h
TBLPTR
=
00A356h
HOLDING REGISTER
(00A356h)
=
FFh
After Instructions (table write completion)
TABLAT
=
55h
TBLPTR
=
00A357h
HOLDING REGISTER
(00A356h)
=
55h
Example 2:
TBLWT +*;
Before Instruction
TABLAT
=
34h
TBLPTR
=
01389Ah
HOLDING REGISTER
(01389Ah)
=
FFh
HOLDING REGISTER
(01389Bh)
=
FFh
After Instruction (table write completion)
TABLAT
=
34h
TBLPTR
=
01389Bh
HOLDING REGISTER
(01389Ah)
=
FFh
HOLDING REGISTER
(01389Bh)
=
34h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com