Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 311 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 311 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 307Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 308Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 309Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 310Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 311Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 312Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 313Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 314Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 315Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 309
PIC18F2525/2620/4525/4620
24.2
Extended Instruction Set
In addition to the standard 75 instructions of the PIC18
instruction set, PIC18F2525/2620/4525/4620 devices
also provide an optional extension to the core CPU
functionality.
The
added
features
include
eight
additional instructions that augment indirect and
indexed addressing operations and the implementation
of Indexed Literal Offset Addressing mode for many of
the standard PIC18 instructions.
The additional features of the extended instruction set
are disabled by default. To enable them, users must set
the XINST Configuration bit.
The instructions in the extended set (with the exception
of CALLW, MOVSF and MOVSS) can all be classified as
literal operations, which either manipulate the File
Select Registers, or use them for Indexed Addressing.
Two of the instructions, ADDFSR and SUBFSR, each
have an additional special instantiation for using FSR2.
These versions (ADDULNK and SUBULNK) allow for
automatic return after execution.
The extended instructions are specifically implemented
to optimize re-entrant program code (that is, code that
is recursive or that uses a software stack) written in
high-level languages, particularly C. Among other
things,
they
allow
users
working
in
high-level
languages to perform certain operations on data
structures more efficiently. These include:
• dynamic allocation and deallocation of software
stack space when entering and leaving
subroutines
• Function Pointer invocation
• Software Stack Pointer manipulation
• manipulation of variables located in a software
stack
A summary of the instructions in the extended instruction
set is provided in Table 24-3. Detailed descriptions are
provided in Section 24.2.2 “Extended Instruction
Set”. The opcode field descriptions in Table 24-1
(page 268) apply to both the standard and extended
PIC18 instruction sets.
24.2.1
EXTENDED INSTRUCTION SYNTAX
Most of the extended instructions use indexed
arguments, using one of the File Select Registers and
some offset to specify a source or destination register.
When an argument for an instruction serves as part of
indexed addressing, it is enclosed in square brackets
(“[ ]”). This is done to indicate that the argument is used
as an index or offset. The MPASM™ Assembler will
flag an error if it determines that an index or offset value
is not bracketed.
When the extended instruction set is enabled, brackets
are also used to indicate index arguments in byte-
oriented and bit-oriented instructions. This is in addition
to other changes in their syntax. For more details, see
Section 24.2.3.1 “Extended Instruction Syntax with
Standard PIC18 Commands”.
TABLE 24-3:
EXTENSIONS TO THE PIC18 INSTRUCTION SET
Note:
The instruction set extension and the
Indexed Literal Offset Addressing mode
were designed for optimizing applications
written in C; the user may likely never use
these instructions directly in assembler.
The
syntax
for
these
commands
is
provided as a reference for users who may
be
reviewing
code
that
has
been
generated by a compiler.
Note:
In the past, square brackets have been
used to denote optional arguments in the
PIC18 and earlier instruction sets. In this
text
and
going
forward,
optional
arguments are denoted by braces (“{ }”).
Mnemonic,
Operands
Description
Cycles
16-Bit Instruction Word
Status
Affected
MSb
LSb
ADDFSR
ADDULNK
CALLW
MOVSF
MOVSS
PUSHL
SUBFSR
SUBULNK
f, k
k
zs, fd
zs, zd
k
f, k
k
Add Literal to FSR
Add Literal to FSR2 and Return
Call Subroutine using WREG
Move zs (source) to 1st word
fd (destination)2nd word
Move zs (source) to 1st word
zd (destination)2nd word
Store Literal at FSR2,
Decrement FSR2
Subtract Literal from FSR
Subtract Literal from FSR2 and
Return
1
2
2
2
2
1
1
2
1110
1110
0000
1110
1111
1110
1111
1110
1110
1110
1000
1000
0000
1011
ffff
1011
xxxx
1010
1001
1001
ffkk
11kk
0001
0zzz
ffff
1zzz
xzzz
kkkk
ffkk
11kk
kkkk
kkkk
0100
zzzz
ffff
zzzz
zzzz
kkkk
kkkk
kkkk
None
None
None
None
None
None
None
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com