Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548ECHXATHB Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHB Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8548ECHXATHB Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
21
DDR and DDR2 SDRAM
Table 13 provides the recommended operating conditions for the DDR SDRAM controller when
GVDD(typ) = 2.5 V.
Table 14 provides the DDR I/O capacitance when GVDD(typ) = 2.5 V.
This table provides the current draw characteristics for MVREF.
Table 13. DDR SDRAM DC Electrical Characteristics for GVDD(typ) = 2.5 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
GVDD
2.375
2.625
V
1
I/O reference voltage
MVREF
0.49
 GV
DD
0.51
 GV
DD
V2
I/O termination voltage
VTT
MVREF – 0.04
MVREF + 0.04
V
3
Input high voltage
VIH
MVREF + 0.15
GVDD + 0.3
V
—
Input low voltage
VIL
–0.3
MVREF – 0.15
V
—
Output leakage current
IOZ
–50
50
A4
Output high current (VOUT = 1.95 V)
IOH
–16.2
—
mA
—
Output low current (VOUT = 0.35 V)
IOL
16.2
—
mA
—
Notes:
1. GVDD is expected to be within 50 mV of the DRAM VDD at all times.
2. MVREF is expected to be equal to 0.5  GVDD, and to track GVDD DC variations as measured at the receiver. Peak-to-peak
noise on MVREF may not exceed ±2% of the DC value.
3. VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected to be
equal to MVREF. This rail must track variations in the DC level of MVREF.
4. Output leakage is measured with all outputs disabled, 0 V
V
OUT GVDD.
Table 14. DDR SDRAM Capacitance for GVDD(typ) = 2.5 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ, DQS
CIO
68
pF
1
Delta input/output capacitance: DQ, DQS
CDIO
—0.5
pF
1
Note:
1. This parameter is sampled. GVDD = 2.5 V ± 0.125 V, f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT (peak-to-peak) = 0.2 V.
Table 15. Current Draw Characteristics for MVREF
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Current draw for MVREF
IMVREF
—500
A1
Note:
1. The voltage regulator for MVREF must be able to supply up to 500 A current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com