Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12LF1501T-EMFSQTP Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC12LF1501T-EMFSQTP
Description  8-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501T-EMFSQTP Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC12LF1501T-EMFSQTP Datasheet HTML 67Page - Microchip Technology PIC12LF1501T-EMFSQTP Datasheet HTML 68Page - Microchip Technology PIC12LF1501T-EMFSQTP Datasheet HTML 69Page - Microchip Technology PIC12LF1501T-EMFSQTP Datasheet HTML 70Page - Microchip Technology PIC12LF1501T-EMFSQTP Datasheet HTML 71Page - Microchip Technology PIC12LF1501T-EMFSQTP Datasheet HTML 72Page - Microchip Technology PIC12LF1501T-EMFSQTP Datasheet HTML 73Page - Microchip Technology PIC12LF1501T-EMFSQTP Datasheet HTML 74Page - Microchip Technology PIC12LF1501T-EMFSQTP Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 278 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41615A-page 71
PIC12(L)F1501
7.6.6
PIR2 REGISTER
The PIR2 register contains the interrupt flag bits, as
shown in Register 7-6.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Interrupt Enable bit, GIE, of the INTCON
register. User software should ensure the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 7-6:
PIR2: PERIPHERAL INTERRUPT REQUEST REGISTER 2
U-0
U-0
R/W-0/0
U-0
U-0
R/W-0/0
U-0
U-0
—
—C1IF
—
—
NCO1IF
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5
C1IF: Numerically Controlled Oscillator Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
bit 4-3
Unimplemented: Read as ‘0’
bit 2
NCO1IF: Numerically Controlled Oscillator Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
bit 1-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com