Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPDQT5V0U-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQT5V0U-HF
Description  SMD ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQT5V0U-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDQT5V0U-HF Datasheet HTML 1Page - Comchip Technology CPDQT5V0U-HF Datasheet HTML 2Page - Comchip Technology CPDQT5V0U-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Waveform Acc. IEC 6100-4-5
Fig.3- 8/20us Peak Pulse Current
SMD ESD Protection Diode
RATING AND CHARACTERISTIC CURVES (CPDQT3V3U-HF Thru. CPDQT12V0U-HF)
Page 2
QW-JP039
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Versus Temperature
Fig.1- Typical Breakdown Voltage
7.0
7.1
7.2
7.3
7.4
Temperature, (°C)
Versus Temperature
Fig.2- Typical Leakage Current
14
16
18
20
Temperature, (°C)
-55
+25
+150
0
4
6
8
10
12
2
+150
+25
-55
6.3
6.5
6.6
6.7
6.8
6.9
6.4
30
25
20
Time, (us)
15
10
5
0
0%
20%
40%
60%
80%
100%
120%
Test Waveform
parameters
td=20us
tf=8us
Peak Valur Ipp
Ta=25°C
Ipp/2
td= t
-t
e
Voltage vs. Reverse Voltage
Fig.4- Nomalized Junction Capacitance
9
10
11
13
PEAK Pulse Current-Ipp, (A)
0
20
2
4
5
6
7
8
3
12
5
10
15
Waveform
parameters:
td=20µs
tr=8µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com